Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LEDWA70XD5-XM Datasheet(PDF) 3 Page - Banner Engineering Corp.

Part # LEDWA70XD5-XM
Description  High-Intensity Area Light
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

LEDWA70XD5-XM Datasheet(HTML) 3 Page - Banner Engineering Corp.

  LEDWA70XD5-XM Datasheet HTML 1Page - Banner Engineering Corp. LEDWA70XD5-XM Datasheet HTML 2Page - Banner Engineering Corp. LEDWA70XD5-XM Datasheet HTML 3Page - Banner Engineering Corp. LEDWA70XD5-XM Datasheet HTML 4Page - Banner Engineering Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Optical Data
80-100 %
60-80 %
40-60 %
20-40 %
0-20 %
(Mount height of 0.5 meters)
Area Light Diffuse Window
mm
50
50
100
100
150
150
200
200
250
250
0
Isolux Pattern
Percentage of Max
Light Intensity (Lux
or mW/m²)
Values shown are typical at 25 °C.
Distance (m)
Max Center Beam Lux (lux)
Max Center Beam Irradiance (mW/m²)
Beam Width (m)
Cool White
Green
Red
Blue
IR
UV395
Vertical
(Spread 29.1°)
Horizontal
(Spread 30.7°)
0.25
22,990
18,019
8,906
6,628
46,808
25,268
0.13
0.14
0.50
7,030
5,510
2,723
2,027
14,313
7,727
0.26
0.27
1.00
1,850
1,450
717
533
3,767
2,033
0.52
0.55
Dimensions
Front View
Back View
All measurements are listed in millimeters [inches], unless noted otherwise.
Accessories
The following describes available cordset and bracket options for these lights.
LED..A70XD5-..High-Intensity Area Light
P/N 153956 Rev. F
www.bannerengineering.com - Tel: + 1 888 373 6767
3



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com