Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DTC103 Datasheet(PDF) 2 Page - First Silicon Co., Ltd

Part # DTC103
Description  Bias Resistor Transistor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

DTC103 Datasheet(HTML) 2 Page - First Silicon Co., Ltd

  DTC103 Datasheet HTML 1Page - First Silicon Co., Ltd DTC103 Datasheet HTML 2Page - First Silicon Co., Ltd DTC103 Datasheet HTML 3Page - First Silicon Co., Ltd DTC103 Datasheet HTML 4Page - First Silicon Co., Ltd DTC103 Datasheet HTML 5Page - First Silicon Co., Ltd DTC103 Datasheet HTML 6Page - First Silicon Co., Ltd DTC103 Datasheet HTML 7Page - First Silicon Co., Ltd DTC103 Datasheet HTML 8Page - First Silicon Co., Ltd DTC103 Datasheet HTML 9Page - First Silicon Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
THERMAL CHARACTERISTICS
Rating
Symbol
Value
Unit
Thermal Resistance – Junction-to-Ambient (Note 1.)
RθJA
508
C/W
Operating and Storage Temperature Range
TJ, Tstg
–55 to +150
C
Maximum Temperature for Soldering Purposes,
Time in Solder Bath
TL
260
10
C
Sec
ELECTRICAL CHARACTERISTICS (TA = 25 C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Collector-Base Cutoff Current (VCB= 50 V, IE = 0)
ICBO
–
–
100
nAdc
Collector-Emitter Cutoff Current (VCE= 50 V, IB = 0)
ICEO
–
–
500
nAdc
Emitter-Base Cutoff Current
(VEB= 6.0 V, IC=0)
IEBO
DTC102
–
–
0.5
DTC103
–
–
0.2
DTC104
–
–
0.1
DTC107
–
–
0.2
DTC111
–
–
0.9
DTC110
–
–
1.9
DTC123
–
–
4.3
DTC117
–
–
2.3
DTC101
–
–
1.5
DTC106
–
–
0.18
DTC108
–
–
0.13
DTC105
–
–
0.2
DTC124
–
–
4.0
DTC112
–
–
0.1
mAdc
Collector-Base Breakdown Voltage (IC = 10µA, IE = 0)
V(BR)CBO
50
–
–
Vdc
Collector-Emitter Breakdown Voltage (Note 2.), (IC = 2.0 mA, IB = 0)
V(BR)CEO
50
–
–
Vdc
ON CHARACTERISTICS
DC Current Gain
(VCE= 10 V, IC=5.0mA)
hFE
35
60
–
60
100
–
80
140
–
80
140
–
160
350
–
160
350
–
3.0
5.0
–
8.0
15
–
15
30
–
80
200
–
80
150
–
80
140
–
160
350
–
160
350
–
Collector-Emitter Saturation Voltage (IC= 10 mA, IB = 0.3 mA)
(IC = 10 mA, IB = 5 mA)
(IC = 10 mA, IB = 1 mA)
VCE(sat)
–
–
0.25
Vdc
2. Pulse Test: Pulse Width < 300µs, Duty Cycle < 2.0%.
2008. 8. 28
2/16
DTC 101 ~ 108, DTC 110 ~ 112 / 114 /117, DTC 123 / 124
Revision No : 1
DTC102
DTC103
DTC104
DTC107
DTC111
DTC110
DTC123
DTC117
DTC101
DTC106
DTC108
DTC105
DTC124
DTC112
DTC117 / DTC123
DTC101 / DTC105 /
DTC106 / DTC108 / DTC111 /
DTC110 / DTC124
DTC114
0.2
–
–
DTC114
160
350
–
DTC114 /



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com