Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DW01B Datasheet(PDF) 4 Page - First Silicon Co., Ltd

Part # DW01B
Description  The DW01B Lithium-ion/Polymer Battery protection IC is designed to protect lithium-ion/polymer
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

DW01B Datasheet(HTML) 4 Page - First Silicon Co., Ltd

  DW01B Datasheet HTML 1Page - First Silicon Co., Ltd DW01B Datasheet HTML 2Page - First Silicon Co., Ltd DW01B Datasheet HTML 3Page - First Silicon Co., Ltd DW01B Datasheet HTML 4Page - First Silicon Co., Ltd DW01B Datasheet HTML 5Page - First Silicon Co., Ltd DW01B Datasheet HTML 6Page - First Silicon Co., Ltd DW01B Datasheet HTML 7Page - First Silicon Co., Ltd DW01B Datasheet HTML 8Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
2016. 03. 26
4/8
Revision No : 0
DW01B
Description of Operation
1. Normal Operation status
The DW01B will run in normal operation status when the battery voltage is in the range from over discharge protection
voltage (VODP) to overcharge protection voltage (VOCP), and the CS pin voltage is in the range from the Charger Detection
Threshold Voltage (VCH) to Over current Protection Voltage (VOI1), Under this status, the charging MOSFET (M2) and
discharging MOSFET (M1) are turned on so that charging and discharging can be carried out normally.
2. Overcharge status
When the battery voltage becomes higher than the overcharge protection voltage (VOCP) during charging in the normal
status and detection continues for the overcharge delay time (TOC) or longer, the charging MOSFET (M2) will be turned
off.
The overcharge status can be released in two cases:
(1) In the case of battery self-discharge, when the battery voltage (VCC) < Overcharge Release Voltage (VOCR), the
charging MOSFET (M2) is turned on and return to the normal status.
(2) In the case when the charger is removed and the load is connected, when the battery voltage (VCC) is in the range from
over discharge release voltage (VOCR) to overcharge protection voltage (VOCP) and the VCS pin voltage is higher than
Over current Protection Voltage (VOI1), the charging MOSFET (M2) is turned on and return to normal status.
3. Over discharge status
When the battery voltage becomes lower than the over discharge protection voltage (VODP) during discharging in the normal
status and detection continues for the over discharge delay time (TOD) or longer, the discharging MOSFET (M1) will be
turned off.
4. Power-down mode after Over discharge
When over discharge occurs, the DW01B will enter into power-down mode, turning off all the timing generation and
detection circuitry to reduce the quiescent current to 0.1μA (
VCC=2.0V). At the same time,
the CS pin is pull -up to VCC through an internal resistor.
5. Release from power-down mode
When the battery is in the over discharge status is connected to a charger, and provided that the CS pin voltage is lower than
the Charger Detection Threshold Voltage (VCH), the DW01B will release from power-down mode and turns on the
discharging MOSFET (M1) when the battery voltage reaches the over discharge protection voltage (VODP ) or higher.
6. Overcurrent / short circuit Protection
In the normal status, when the discharge current is too large, the CS pin voltage is higher than either
VOI1 or VOI2, and continues the



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com