Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DWX Datasheet(PDF) 3 Page - First Silicon Co., Ltd

Part # DWX
Description  Dual Bias Resistor Transistors
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

DWX Datasheet(HTML) 3 Page - First Silicon Co., Ltd

  DWX Datasheet HTML 1Page - First Silicon Co., Ltd DWX Datasheet HTML 2Page - First Silicon Co., Ltd DWX Datasheet HTML 3Page - First Silicon Co., Ltd DWX Datasheet HTML 4Page - First Silicon Co., Ltd DWX Datasheet HTML 5Page - First Silicon Co., Ltd DWX Datasheet HTML 6Page - First Silicon Co., Ltd DWX Datasheet HTML 7Page - First Silicon Co., Ltd DWX Datasheet HTML 8Page - First Silicon Co., Ltd DWX Datasheet HTML 9Page - First Silicon Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 29 page
background image
2015. 01. 28
3/29
Revision No : 0
DWX Series
ELECTRICAL CHARACTERISTICS
(TA = 25°C unless otherwise noted, common for Q1 and Q2, − minus sign for Q1 (PNP) omitted) (Continued)
Characteristic
Symbol
Min
Typ
Max
Unit
ON CHARACTERISTICS (Note 4)
DWX302
n
i
a
G
t
n
e
rr
u
C
C
D
(VCE = 10 V, IC = 5.0 mA)
DWX302
DWX302
hFE
35
60
80
80
160
160
3.0
8.0
15
80
80
80
60
100
140
140
350
350
5.0
15
30
200
150
140
−
−
−
−
−
−
−
−
−
−
−
−
Collector-Emitter Saturation Voltage
(IC = 10 mA, IB = 0.3 mA)
(IC = 10 mA, IB = 5 mA)
DWX323 / DWX317
(IC = 10 mA, IB = 1 mA)
DWX310 / DWX311
DWX301 / DWX306 / DWX308
VCE(sat)
−
−
0.25
Vdc
Output Voltage (on)
(VCC = 5.0 V, VB = 2.5 V, RL = 1.0 k
(VCC = 5.0 V, VB = 3.5 V, RL = 1.0 k
VOL
−
−
−
−
−
−
−
−
−
−
−
−
−
−
−
−
−
−
−
−
−
−
−
−
0.2
0.2
0.2
0.2
0.2
0.2
0.2
0.2
0.2
0.2
0.2
0.2
Vdc
Output Voltage (off)
(VCC = 5.0 V, VB = 0.5 V, RL = 1.0 k )
(VCC = 5.0 V, VB = 0.050 V, RL = 1.0 k )
DWX323
(VCC = 5.0 V, VB = 0.25 V, RL = 1.0 k )
DWX311
DWX310
DWX317
VOH
4.9
−
−
Vdc
r
o
t
s
i
s
e
R
t
u
p
n
I
R1
7.0
15.4
32.9
7.0
7.0
3.3
0.7
1.5
3.3
3.3
15.4
1.54
10
22
47
10
10
4.7
1.0
2.2
4.7
4.7
22
2.2
13
28.6
61.1
13
13
6.1
1.3
2.9
6.1
6.1
28.6
2.86
k
Resistor Ratio
DWX302/ DWX303 / DWX304
DWX307
DWX310 / DWX311
DWX323 / DWX317 / DWX301
R1/R2
0.8
0.17
−
0.8
0.055
0.38
0.038
1.0
0.21
−
1.0
0.1
0.47
0.047
1.2
0.25
−
1.2
0.185
0.56
0.056
4. Pulse Test: Pulse Width < 300 s, Duty Cycle < 2.0%
DWX303
DWX304
DWX307
DWX311
DWX310
DWX323
DWX317
DWX301
DWX306
DWX308
DWX305
DWX302
DWX302
DWX302
DWX303
DWX304
DWX307
DWX311
DWX310
DWX323
DWX317
DWX301
DWX306
DWX308
DWX305
DWX302
DWX302
DWX302
DWX303
DWX304
DWX307
DWX311
DWX310
DWX323
DWX317
DWX301
DWX306
DWX308
DWX305
DWX306
DWX308
DWX305



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com