Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ABX1027GC-R Datasheet(PDF) 5 Page - Abracon Corporation

Part # ABX1027GC-R
Description  HIGH PERFORMANCE GENERAL PURPOSE OSCILLATOR IC
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ABX1027GC-R Datasheet(HTML) 5 Page - Abracon Corporation

  ABX1027GC-R Datasheet HTML 1Page - Abracon Corporation ABX1027GC-R Datasheet HTML 2Page - Abracon Corporation ABX1027GC-R Datasheet HTML 3Page - Abracon Corporation ABX1027GC-R Datasheet HTML 4Page - Abracon Corporation ABX1027GC-R Datasheet HTML 5Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
ORDERING INFORMATION (GREEN PACKAGE COMPLIANT)
For part ordering, please contact our Sales Department:
30332 Esperanza., Rancho Santa Margarita, Ca 92688
Ph: 949-546-8000 Fax: 949-546-8001
PART NUMBER
The order number for this device is a combination of the following:
Part number, Package type and Operating temperature range
ABX1027- XX X
Part/Order Number
Marking†
Package Option
ABX1027GC-R
E27
6-Pin DFN (Tape and Reel)
ABX1027TC-R
61027
6-Pin SOT-23 (Tape and Reel)
†
Note: ‘XXX’ designates marking identifier that could be independent of the part number.
PART NUMBER
PACKAGE TYPE
T=SOT23-6L
G=DFN-6L
NONE= TUBE
R=TAPE and REEL
TEMPERATURE
C=COMMERCIAL
I=INDUSTRIAL
Abracon Corporation, reserves the right to make changes in its products or specifications, or both at any time without notice. The information
furnished by Abracon is believed to be accurate and reliable. However, Abracon makes no guarantee or warranty concerning the a ccuracy of said
information and shall not be responsible for any loss or damage of whatever nature resulting from the use of, or reliance upon this product.
LIFE SUPPORT POLICY: ABRACON’s products are not authorized for use as critical components in life support devices or systems without the
express written approval of the President of Abracon Corporation.
1.8V-3.3V, 5MHz to 60MHz XO IC
ABX1027
HIGH PERFORMANCE GENERAL PURPOSE OSCILLATOR IC
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
30332 Esperanza, Rancho Santa Margarita, California 92688
tel 949-546-8000 | fax 949-546-8001 | www.abracon.com
Revised: 08.14.07
Visit www.abracon.com for Terms & Conditions of Sale



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com