Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ABX1027TC-R Datasheet(PDF) 4 Page - Abracon Corporation

Part # ABX1027TC-R
Description  HIGH PERFORMANCE GENERAL PURPOSE OSCILLATOR IC
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ABX1027TC-R Datasheet(HTML) 4 Page - Abracon Corporation

  ABX1027TC-R Datasheet HTML 1Page - Abracon Corporation ABX1027TC-R Datasheet HTML 2Page - Abracon Corporation ABX1027TC-R Datasheet HTML 3Page - Abracon Corporation ABX1027TC-R Datasheet HTML 4Page - Abracon Corporation ABX1027TC-R Datasheet HTML 5Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
CRYSTAL SPECIFICATIONS
PARAMETERS
SYMBOL
MIN.
TYP.
MAX.
UNITS
Fundamental Crystal Resonator Frequency
FXIN
560
MHz
Crystal Loading Rating
CL (xtal)
12
pF
Maximum Sustainable Drive Level
100
? W
Operating Drive Level
25
? W
Crystal Shunt Capacitance
C0
3
pF
Effective Series Resistance
ESR
50
?
PACKAGE DRAWINGS (GREEN PACKAGE COMPLIANT)
SOT23-6 L
D
E
Pin1 Dot
D1
b
e
E1
L
A3
A A1
Pin 6 ID
Chamfer
DFN-6L
Dimension in MM
Symbol
Min.
Max.
A
1.05
1.35
A1
0.05
0.15
A2
1.00
1.20
b
0.30
0.50
c
0.08
0.20
D
2.80
3.00
E
1.50
1.70
H
2.60
3.0
L
0.35
0.55
e
0.95 BSC
Dimension in MM
Symbol
Min.
Max.
A
0.50
0.60
A1
0.00
0.05
A3
0.152
0.152
b
0.15
0.25
e
0.40BSC
D
1.25
1.35
E
1.95
2.05
D1
0.75
0.85
E1
0.95
1.05
L
0.20
0.30
C
L
A2
E
H
D
A1
e
b
A
Pin1 Dot
1.8V-3.3V, 5MHz to 60MHz XO IC
ABX1027
HIGH PERFORMANCE GENERAL PURPOSE OSCILLATOR IC
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
30332 Esperanza, Rancho Santa Margarita, California 92688
tel 949-546-8000 | fax 949-546-8001 | www.abracon.com
Revised: 08.14.07
Visit www.abracon.com for Terms & Conditions of Sale



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com