Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IT8705F Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # IT8705F
Description  Simple Low Pin Count Input/Output (simple LPC I/O)
PDF  185 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

IT8705F Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button IT8705F Datasheet HTML 3Page - List of Unclassifed Manufacturers IT8705F Datasheet HTML 4Page - List of Unclassifed Manufacturers IT8705F Datasheet HTML 5Page - List of Unclassifed Manufacturers IT8705F Datasheet HTML 6Page - List of Unclassifed Manufacturers IT8705F Datasheet HTML 7Page - List of Unclassifed Manufacturers IT8705F Datasheet HTML 8Page - List of Unclassifed Manufacturers IT8705F Datasheet HTML 9Page - List of Unclassifed Manufacturers IT8705F Datasheet HTML 10Page - List of Unclassifed Manufacturers IT8705F Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 185 page
background image
iii
Contents
8.9.17 Flash ROM I/F Special Write Mask Based Address LSB Register (Index=D9h, Default=00h)
.......................................................................................................... 57
8.9.18 Flash ROM I/F Special Write Mask Size Control Register (Index=DAh, Default=00h) ........ 57
8.9.19 SMI# Control Register (Index=F0h, Default=00h) ................................................................ 58
8.9.20 SMI# Status Register (Index=F2h, Default=00h) ................................................................. 58
8.9.21 SMI# Pin Mapping Register (Index=F5h, Default=00h)........................................................ 58
8.9.22 Hardware Monitor Alert Beep Pin Mapping Register (Index=F6h, Default=00h) ................. 59
8.9.23 GP LED Blinking 1 Pin Mapping Register (Index=F7h, Default=00h) .................................. 59
8.9.24 GP LED Blinking 1 Control Register (Index=F8h, Default=00h)........................................... 59
8.9.25 GP LED Blinking 2 Pin Mapping Register (Index=F9h, Default=00h) .................................. 59
8.9.26 GP LED Blinking 2 Control Register (Index=FAh, Default=00h) .......................................... 60
8.9.27 Watch Dog Timer Control Register (Index=FBh, Default=00h) ............................................ 60
8.9.28 Watch Dog Timer Time-out Output Pin Mapping Register (Index=FCh, Default=00h) ........ 60
8.9.29 Watch Dog Timer Time-out Value Register (Index=FDh, Default=00h) ............................... 60
8.9.30 VID Input Register (Index=FEh, Default= -- ) ....................................................................... 61
8.9.31 VID Output Register (Index=FFh, Default=00h) ................................................................... 61
8.10
Game Port Configuration Registers (LDN=06h) ............................................................................ 62
8.10.1 Game Port Activate (Index=30h, Default=00h)..................................................................... 62
8.10.2 Game Port Base Address MSB Register (Index=60h, Default=02h) ..................................... 62
8.10.3 Game Port Base Address LSB Register (Index=61h, Default=01h) ...................................... 62
8.11
Consumer IR Configuration Registers (LDN=07h) ........................................................................ 63
8.11.1 Consumer IR Activate (Index=30h, Default=00h)................................................................. 63
8.11.2 Consumer IR Base Address MSB Register (Index=60h, Default=03h) ................................. 63
8.11.3 Consumer IR Base Address LSB Register (Index=61h, Default=10h) .................................. 63
8.11.4 Consumer IR Interrupt Level Select (Index=70h, Default=0Bh) ........................................... 63
8.11.5 Consumer IR Special Configuration Register (Index=F0h, Default=00h) ............................ 63
8.12
MIDI Port Configuration Registers (LDN=08h) .............................................................................. 64
8.12.1 MIDI Port Activate (Index=30h, Default=00h)....................................................................... 64
8.12.2 MIDI Port Base Address MSB Register (Index=60h, Default=03h) ....................................... 64
8.12.3 MIDI Port Base Address LSB Register (Index=61h, Default=00h) ........................................ 64
8.12.4 MIDI Port Interrupt Level Select (Index=70h, Default=0Ah) ................................................. 64
8.12.5 MIDI Port Special Configuration Register (Index=F0h, Default=00h)................................... 65
9. Functional Description.................................................................................................................................. 71
9.1
LPC Interface ................................................................................................................................. 71
9.1.1
LPC Transactions ................................................................................................................. 71
9.1.2
LDRQ# Encoding ..................................................................................................................71
9.2
Serialized IRQ................................................................................................................................ 71
9.2.1
Continuous Mode.................................................................................................................. 71
9.2.2
Quiet Mode ........................................................................................................................... 72
9.2.3
Waveform Samples of SERIRQ Sequence .......................................................................... 72
9.2.4
SERIRQ Sampling Slot......................................................................................................... 73
9.3
General Purpose I/O ...................................................................................................................... 74
9.4
Power Management Event (PME#) ............................................................................................... 75
9.5
Environment Controller (Enhanced Hardware Monitor and Fan Controller) ................................. 76
9.5.1
Overview ............................................................................................................................... 76
9.5.2
Interfaces .............................................................................................................................. 76
9.5.3
Registers............................................................................................................................... 77
9.5.3.1
Address Port (Base+05h, Default=00h): ............................................................ 77
9.5.3.2
Register Description ........................................................................................... 80
9.5.3.2.1
Configuration Register (Index=00h, Default=18h)............................ 80
9.5.3.2.2
Interrupt Status Register 1 (Index=01h, Default=00h) ..................... 80
9.5.3.2.3
Interrupt Status Register 2 (Index=02h, Default=00h) ..................... 80



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com