Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LEDRR62X62W Datasheet(PDF) 1 Page - Banner Engineering Corp.

Part # LEDRR62X62W
Description  LED..R..W Series Ring Lights
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

LEDRR62X62W Datasheet(HTML) 1 Page - Banner Engineering Corp.

  LEDRR62X62W Datasheet HTML 1Page - Banner Engineering Corp. LEDRR62X62W Datasheet HTML 2Page - Banner Engineering Corp. LEDRR62X62W Datasheet HTML 3Page - Banner Engineering Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Datasheet
LED Ring Lights (in two sizes) for use with PresencePLUS® Pro, ProII, and Mini Pro sensors
• Low-cost ring lights for PresencePLUS® Pro, ProII, and Mini Pro sensors
• Solid-state LED matrix; select continuous or strobed operation via sensor software
• Direct connection to a PresencePLUS® Pro, ProII, and Mini Pro sensor, or to an external
power supply using 3 discrete wires
• Mounts directly to a PresencePLUS® Pro, ProII, and Mini Pro sensor using the included
hardware
Models
PresencePLUS Pro and ProII Sensor Models
Model 1
Color
Ambient Light Filter Kit
Polarizing Filter Kit
62 × 62 mm
80 × 80 mm
62 × 62 mm
80 × 80 mm
LEDIR62X62W
LEDIR80X80W
Infrared, 940 nm
FLTI
—
—
LEDRR62X62W
LEDRR80X80W
Visible Red, 630 nm
FLTR (included with
LEDRRPFK)
LEDRRPFKS
LEDRRPFK
LEDWR62X62W
LEDWR80X80W
White, All Visible
FLTB or FLTG
LEDBR62X62W
LEDBR80X80W
Blue, 464 to 475 nm
FLTB
LEDGR62X62W
LEDGR80X80W
Green, 520 to 540 nm
FLTG
PresencePLUS Mini Pro Sensor Models
Models 1
Color
Ambient Light Filter Kit
Polarizing Filter Kit
62 × 62 mm
62 × 62 mm
80 × 80 mm
LEDIRM62X62W
Infrared, 940 nm
FLTI
—
—
LEDRRM62X62W
Visible Red, 630 nm
FLTR (included with
LEDRRPFK)
LEDRRPFKS
LEDRRPFK
LEDWRM62X62W
White, All Visible
FLTB or FLTG
LEDBRM62X62W
Blue, 464 to 475 nm
FLTB
LEDGRM62X62W
Green, 520 to 540 nm
FLTG
Installing the Ring Light
The ring light bracket attaches to the top of the
PresencePLUS lens block, using the hardware kit provided.
Note: Before installing this light it is recommended that an ambient light filter be installed behind the lens. The filter improves
image quality by reducing unwanted ambient light.
Wiring Table
Light Wire
PresencePLUS Pro Controller Terminal
Block
External Power Supply (Strobed)
External Power Supply
(Continuous)
Brown
Pin 1 (+V*)
+V
+V
Blue
Pin 2 (–V*)
–V
–V
White
Pin 4 (strobe)
+5V dc to +24V dc OFF
–V
–V ON
* +V = 24V dc ± 10%; –V = dc common
1 For 9 m (30 ft) integral cable, add suffix "W/30" to the model number (for example, LEDIR80X80W W/30).
LED..R..W Series Ring Lights
Original Document
108626 Rev. H
19 February 2019
108626


Similar Part No. - LEDRR62X62W

ManufacturerPart #DatasheetDescription
logo
Banner Engineering Corp...
LEDRR62X62M BANNER-LEDRR62X62M Datasheet
227Kb / 2P
LED..R..M Series Ring Lights
More results

Similar Description - LEDRR62X62W

ManufacturerPart #DatasheetDescription
logo
Chicago Miniature Lamp,...
6039-004-304R CML-6039-004-304R Datasheet
222Kb / 1P
Astrolite LED Indicator Lights
logo
Dialight Corporation
RTO-AW07-001 DIALIGHT-RTO-AW07-001 Datasheet
197Kb / 2P
DuroSite Series LED Visual Signal Lights
D1RW-C13-008 DIALIGHT-D1RW-C13-008_12 Datasheet
648Kb / 8P
Vigilant짰 Series LED Based Obstruction Lights
logo
OSRAM GmbH
ONYXL-7 OSRAM-ONYXL-7 Datasheet
111Kb / 3P
LED reading lights
logo
Banner Engineering Corp...
LEDIR62X62M BANNER-LEDIR62X62M Datasheet
227Kb / 2P
LED..R..M Series Ring Lights
LEDIRV62X62M BANNER-LEDIRV62X62M Datasheet
212Kb / 3P
VE Series Ring Lights
LEDRI150-3W BANNER-LEDRI150-3W Datasheet
234Kb / 2P
LED..I150-3.. Low-Angle LED Ring Lights (150 mm)
LEDRSM BANNER-LEDRSM Datasheet
173Kb / 2P
LED..SM Series Spot Lights
LEDRSW BANNER-LEDRSW Datasheet
176Kb / 2P
LED..SW Series Spot Lights
LEDXR90S BANNER-LEDXR90S Datasheet
153Kb / 3P
LEDxR90S Series Sealed Ring Lights
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com