Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LEDWR70XD5-XQ Datasheet(PDF) 2 Page - Banner Engineering Corp.

Part # LEDWR70XD5-XQ
Description  LED High-Intensity Ring Light
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

LEDWR70XD5-XQ Datasheet(HTML) 2 Page - Banner Engineering Corp.

  LEDWR70XD5-XQ Datasheet HTML 1Page - Banner Engineering Corp. LEDWR70XD5-XQ Datasheet HTML 2Page - Banner Engineering Corp. LEDWR70XD5-XQ Datasheet HTML 3Page - Banner Engineering Corp. LEDWR70XD5-XQ Datasheet HTML 4Page - Banner Engineering Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Wiring
Wire Purpose
Cable Wire
Color4
Continuous On
Mode
Strobed Mode
PresencePlus Pro
Controller Terminal
Block
(1) +24V dc
(3) Common
(5)Active High/Active Low
(4) Strobe Common
(2) Strobe (+)
Figure 1. Pinouts for Mating Cordset
Power Wires
Brown (1)
+24 V dc
+24 V dc
Pin 015
Blue (3)
common
common
Pin 02
Strobe Polarity
Control
Gray (5)
open
Active Low: open
Open — Active Low
Active High: connect to common (Blue wire)
Pin 02 — Active High
Strobe Voltage
Wires
White (2)
open
0 V dc = ON (Active Low)
+5 V dc to 24 V dc = OFF (Active Low)
Pin 04
0 V dc = OFF (Active High)
+5 V dc to 24 V dc = ON (Active High)
Black (4)
open
Strobe common
Pin 02
Light Intensity Adjustment
Turn the 270° intensity potentiometer with a small flat-blade screwdriver to adjust the light’s intensity.
1. Apply power to the light and turn the potentiometer all the way clockwise for maximum intensity.
2. If the object to be sensed is too bright at maximum intensity, turn the potentiometer counterclockwise, a little at a time,
testing with the target object, until the correct brightness is achieved.
Specifications
Light Source
Four high-intensity LEDs; see models table for wavelengths
Illumination
610 mm (24 in) diameter usable light pattern at 1 m
Strobe
Optically isolated
Supply Voltage and Current
Operating Voltage: 24 V dc ±10%
Strobe Voltage: 5 V dc to 24 V dc @ 15 mA maximum
Current Draw at Full Intensity: 350 mA maximum
Built-in constant current regulator for LEDs
Potentiometer controls variable intensity for “P” models
Use only with a suitable Class 2 power supply (UL) or SELV power supply (CE)
Construction
Enclosure rating: IP50
Housing: aluminum, black anodized
Window: acrylic, clear with frosted diffusing surface on inside
Bracket: aluminum, black anodized. Attaches ring light directly to
PresencePLUS P4 with 2 included M4x14 screws
Useful Life
When operated within specifications, output will decrease less than 30%
after 50,000 hours for visible and IR models, 20,000 hours for UV models
Operating Conditions
Temperature: 0 °C to +50 °C (+32 °F to +122 °F)
Humidity: 90% maximum relative humidity (non-condensing)
Certifications
Light Characteristics
Values shown are typical at 25°C.
Lumens
mWatts
Cool White
Green
Red
Blue
IR
UV395
LEDxR70
390
340
240
130
945
475
4 For Banner-supplied wire.
5 When connecting the light to a PresencePLUS Pro controller terminal block, the controller supply must be 24 V dc ± 10%.
LED High-Intensity Ring Light
2
www.bannerengineering.com - Tel: + 1 888 373 6767
P/N 153910 Rev. F



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com