Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LEDRRV75PM Datasheet(PDF) 1 Page - Banner Engineering Corp.

Part # LEDRRV75PM
Description  VE Series LED High-Intensity Sealed Ring Light
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

LEDRRV75PM Datasheet(HTML) 1 Page - Banner Engineering Corp.

  LEDRRV75PM Datasheet HTML 1Page - Banner Engineering Corp. LEDRRV75PM Datasheet HTML 2Page - Banner Engineering Corp. LEDRRV75PM Datasheet HTML 3Page - Banner Engineering Corp. LEDRRV75PM Datasheet HTML 4Page - Banner Engineering Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Datasheet
High-Intensity Sealed LED Ring Light for use with VE Series smart cameras
Rugged, waterproof IEC IP67 housing, for use with VE Series smart
cameras in wet or dirty environments
Six extremely bright LEDs for even illumination of targets
Continuous or strobed operation
Maintenance-free, rugged construction
Power, configure, and mount directly with VE Series smart cameras
Available with borosilicate glass or polycarbonate window
Models
The following sealed ring lights are compatible with all WVGA, 1.3 MP, and 2 MP models with lenses installed. The sealed ring
lights are compatible with some 5 MP models with lenses installed1.
Model
LED Color
Window Construction
Connection
LEDIRV75BM
Infrared, 850 nm ±5 nm
Borosillicate Glass
350 mm (13.8 in) Pico 3-Pin Quick-
Disconnect
LEDRRV75BM
Visible red, 625 nm ±5 nm
LEDBRV75BM
Visible blue, 475 nm ±5 nm
LEDGRV75BM
Visible green, 525 nm +10 nm/-5 nm
LEDWRV75BM
Visible white, 6200K +500K/-550K
LEDIRV75PM
Infrared, 850 nm ±5 nm
Polycarbonate Plastic
LEDRRV75PM
Visible red, 625 nm ±5 nm
LEDBRV75PM
Visible blue, 475 nm ±5 nm
LEDGRV75PM
Visible green, 525 nm +10 nm/-5 nm
LEDWRV75PM
Visible white, 6200K +500K/-550K
Install the Ring Light
1
2
3
4
5
1. Remove the black thread protector (not shown) from the camera.
2. Remove the temporary imager cover (not shown).
3. Install and focus the C-mount lens (1).
4. Thread the filter (2), if using, onto the front of the lens.
Filters are recommended to improve image quality.
5. Fit a single o-ring (3) into the undercut area behind the camera threads.
1 For 5 MP camera and lens, the sealed ring light is compatible with 12 mm to 50 mm focal length lenses with a filter installed. Without a filter installed, the
sealed ring light is compatible with 75 mm focal lengths. The use of the LHWK-1 setscrew accessory kit is required for focus and aperture locking when
using a ring light.
VE Series LED High-Intensity Sealed Ring Light
Original Document
208788 Rev. B
1 November 2018
208788


Similar Part No. - LEDRRV75PM

ManufacturerPart #DatasheetDescription
logo
Banner Engineering Corp...
LEDRRV70XD5-PM BANNER-LEDRRV70XD5-PM Datasheet
180Kb / 3P
VE Series LED High-Intensity Ring Light
LEDRRV70XD5-XM BANNER-LEDRRV70XD5-XM Datasheet
180Kb / 3P
VE Series LED High-Intensity Ring Light
More results

Similar Description - LEDRRV75PM

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TLME3100 VISHAY-TLME3100 Datasheet
78Kb / 6P
High Intensity SMD LED High Intensity SMD LED
04-Feb-99
logo
OPTEK Technologies
OVLEW1CB9 OPTEK-OVLEW1CB9 Datasheet
898Kb / 5P
White High-Intensity LED Lamp White High-Intensity LED Lamp
logo
Visual Communications C...
VAOLS-1SB1103 VCC-VAOLS-1SB1103 Datasheet
776Kb / 4P
High Intensity LED Light Pipe
logo
Marl International Limi...
SPL8356 MARL-SPL8356 Datasheet
597Kb / 2P
high intensity Step Light
logo
Banner Engineering Corp...
LEDRA70AP5-XQ BANNER-LEDRA70AP5-XQ Datasheet
312Kb / 6P
LED Series Sealed High-Intensity Area Lights
LEDRA70XD5-XQ BANNER-LEDRA70XD5-XQ Datasheet
302Kb / 4P
High-Intensity Area Light
LEDRR70XD5-XQ BANNER-LEDRR70XD5-XQ Datasheet
349Kb / 4P
LED High-Intensity Ring Light
LEDIRV62X62M BANNER-LEDIRV62X62M Datasheet
212Kb / 3P
VE Series Ring Lights
LEDRRV70XD5-XM BANNER-LEDRRV70XD5-XM Datasheet
180Kb / 3P
VE Series LED High-Intensity Ring Light
LEDWS50L5-XQ BANNER-LEDWS50L5-XQ Datasheet
430Kb / 6P
LED..S50L.. High-Intensity Spot Light
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com