Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LEDRRPFKS Datasheet(PDF) 2 Page - Banner Engineering Corp.

Part # LEDRRPFKS
Description  LED..R..W Series Ring Lights
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

LEDRRPFKS Datasheet(HTML) 2 Page - Banner Engineering Corp.

  LEDRRPFKS Datasheet HTML 1Page - Banner Engineering Corp. LEDRRPFKS Datasheet HTML 2Page - Banner Engineering Corp. LEDRRPFKS Datasheet HTML 3Page - Banner Engineering Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Sensing Shiny Surfaces
To eliminate direct reflections without using polarizing filters, angle the sensor approximately 15° (or more) from perpendicular to a shiny surface.
Polarizing Kit
If it is necessary to mount the camera at a 90° angle to a shiny surface, the polarizing filter kit provides filters for both the LED ring light and sensor
to reduce the negative effects of strong, direct light reflections. The red filter kit (FLTR) is included with the polarizing kit. When light colors other than
red are used, discard the red filter in the polarizing kit and use the proper filter (see Models tables). The polarizing filters reduce the amount of light
returned to the sensor.
Clean the Light
Regularly remove dust, dirt, or fingerprints from the light source.
1. Blow off dust using anti-static compressed air.
2. If necessary, use a lens cloth and lens cleaner or window cleaner to wipe off remaining debris.
Important: Do not use any other chemicals for cleaning the light source.
Specifications
Supply Voltage and Current
62 x 62 Models: Infrared — 24 V dc at 100 mA max.
80 x 80 Models: 24 V dc at 250 mA max.
All other colors — 24 V dc at 130 mA max.
Connections
PVC-jacketed 3-conductor 2 m (6.5 ft) or 9 m (30 ft) attached cable
Construction
Low-carbon steel with black zinc plating, acrylic window
Light Source
LED, see Models table for wavelengths
Illumination
High-intensity ring light
Useful Life
10,000 hours (LED ON time). When operated within specifications, output will
decrease less than 30% after 10,000 hours and less than 50% (less than 40% for red
and IR models) after 20,000 hours.
Operating Conditions
0 °C to +50 °C (+32 °F to +122 °F)
90% at +50 °C maximum relative humidity (non-condensing)
Certifications
Dimensions
33.3 mm
(1.31")
66.7 mm
(2.63")
66.7 mm
(2.63")
Ø 39.1 mm
(1.54")
104.1 mm
(4.10")
6.24 mm
(0.25")
58.2 mm
(2.30")
Figure 1. 62 × 62 mm Models for PresencePLUS Pro and ProII Sensor Models
86.1 mm
(3.40")
43.7 mm
(1.72")
86.1 mm
(3.40")
Ø 45.7 mm
(1.80")
109.9 mm
(4.33")
2 X 6.4 mm
(0.25")
58.4 mm
(2.30")
Figure 2. 80 × 80 mm Models for PresencePLUS Pro and ProII Sensor Models
LED..R..W Series Ring Lights
2
www.bannerengineering.com - Tel: + 1 888 373 6767
P/N 108626 Rev. H



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com