Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICM532B Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # ICM532B
Description  CIF Color CMOS Sensor with USB Output
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

ICM532B Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button ICM532B Datasheet HTML 3Page - List of Unclassifed Manufacturers ICM532B Datasheet HTML 4Page - List of Unclassifed Manufacturers ICM532B Datasheet HTML 5Page - List of Unclassifed Manufacturers ICM532B Datasheet HTML 6Page - List of Unclassifed Manufacturers ICM532B Datasheet HTML 7Page - List of Unclassifed Manufacturers ICM532B Datasheet HTML 8Page - List of Unclassifed Manufacturers ICM532B Datasheet HTML 9Page - List of Unclassifed Manufacturers ICM532B Datasheet HTML 10Page - List of Unclassifed Manufacturers ICM532B Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
ICM532B CIF Color CMOS Sensor with USB Output
Data Sheet, V 1.1 November, 2002
©2000, 2001,2002 IC Media Corporation & IC Media Technology Corp
11/21/2002
page 7
Company Confidential
during power-up, the Serial interface will first act as a master device, trying to read from an external
EEPROM (24C02/04/08/16). The first word read will indicate the number of bytes to transfer from the
external EEPROM. After transferring these bytes, or failing to access an external device, the
ICM-532B will behave like a slave device. The external EEPROM is addressed at address 0x50, and
must be 3.3v compatible.
Address
Name
Default
Description
0:00h
PART_CONTROL
0
Processing control
[0] 0: normal mode
[1] Slope adjustment enable
[2] Exposure time control, writing a 1 will activate
the new value set in AD_EXPOSE_TIME, when
read back from it, 0 means the exposure time
change is finished, 1 means the exposure time
change is still in progress.
[6:3] Reserved
[7] Latent change, writing a 1 means the changed
latent registers now starts taking effect, when the
entire operation is done, the read back value of this
bit will change from 1 to 0.
1:01h
2:02h
TIMING_CONTROL_LOW
TIMING_CONTROL_HIGH
17
0x0011
Timing control
[0] Column count enable, set to 0 when filling wave
table, set to 1 when normal operation
[3] Auto dark correction enable
[4] Timing select, 0: wave table timing, 1: default
timing
[8] IRST select, 0: from wave table, 1: from
IRST_NUMBER register
[11] Dead column removal mode, 0: color, 1:
black-and-white
[12] Out-of-array exposure pointer control, 0: point
to row 295, 1: point to row 298 (a non-existent row)
[13] Column stop, 0: sensor column counter stop at
361 when exceeding real array, 1: sensor column
counter keeps counting
7:07h
TABLE_LEN
0
Reserved
12:0Ch
13:0Dh
AD_WIDTHL
AD_WIDTHH
500
0x01F4
[9:0] Frame width
14:0Eh
15:0Fh
AD_HEIGHTL
AD_HEIGHTH
400
0x0190
[15:0] Frame height, should not be less than
AD_ROW_BEGIN + 298
16:10h
17:11h
AD_COL_BEGINL
AD_COL_BEGINH
180
0x00B4
[9:0] Beginning of active line in terms of column
position
[10] Mirror image enable
[15:13] Digital gain
0: 1
1: 2
2: 4
3: 8
4: 16
5: 32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com