Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LEDIB70X70M Datasheet(PDF) 1 Page - Banner Engineering Corp.

Part # LEDIB70X70M
Description  LED..B..M Series Backlights
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

LEDIB70X70M Datasheet(HTML) 1 Page - Banner Engineering Corp.

  LEDIB70X70M Datasheet HTML 1Page - Banner Engineering Corp. LEDIB70X70M Datasheet HTML 2Page - Banner Engineering Corp. LEDIB70X70M Datasheet HTML 3Page - Banner Engineering Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Datasheet
Visible red or infrared backlights in 2 sizes, for use with PresencePLUS® P4 sensors
•
Diffused backlight for PresencePLUS® P4 sensors
•
Continuous light and strobed operation, selectable via sensor software
•
Solid-state LED matrix, in two sizes
•
Direct connection to PresencePLUS P4 sensor (if sensor is powered by 24V dc)
•
Two sizes available; see models table
•
Bracket option(s) available for all models
Models
Model
LED Color
Wave Length
Active Area
LEDIB70X70M
Infrared
940 nm
71 mm × 71 mm
(2.8 in × 2.8 in)
LEDRB70X70M
Visible Red
660 nm
LEDIB85X220M
Infrared
940 nm
85 mm × 220 mm
(3.35 in × 8.67 in)
LEDRB85X220M
Visible Red
660 nm
To order the 9 m (30 ft) integral cable model, add the suffix “W/30” to the model number (for example, LEDIB70X70M W/30).
Specifications
Light Source
LED; see models table for wavelengths
Illumination
Diffused for use in applications needing a backlit light source.
Supply Voltage and Current
70 X 70 mm models: 24 V dc at 250 mA max.
85 x 220 mm models: 24 V dc at 500 mA max.
Voltage supplied by PresencePLUS P4 sensors, if operating at 24 V dc (see
sensor manual).
Connections
2 m (6.5 ft) or 9 m (30 ft) attached PVC pigtail with 3-wire, 8 mm male Pico-
style connector
Construction
Low-carbon steel with black zinc plating, acrylic window
Useful Life
10,000 hours (LED ON time). When operated within specifications, output
will decrease less than 30% after 10,000 hours and less than 40% after
20,000 hours.
Operating Conditions
0 °C to 50 °C (32 °F to 122 °F)
90% at 50 °C (non-condensing) max. relative humidity
Certifications
LED..B..M Series Backlights
Original Document
116947 Rev. D
20 February 2019
116947


Similar Part No. - LEDIB70X70M

ManufacturerPart #DatasheetDescription
logo
Banner Engineering Corp...
LEDIB70X70QPMA BANNER-LEDIB70X70QPMA Datasheet
190Kb / 4P
LED..B..QPMA Series Backlights
logo
List of Unclassifed Man...
LEDIB70X70W ETC2-LEDIB70X70W Datasheet
151Kb / 3P
Visible red or infrared backlights in 2 sizes, with 3-conductor cable
logo
Banner Engineering Corp...
LEDIB70X70W BANNER-LEDIB70X70W Datasheet
159Kb / 3P
LED..B..W Series Backlights
More results

Similar Description - LEDIB70X70M

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BR02XXX ETC2-BR02XXX Datasheet
476Kb / 3P
LED Backlights
logo
Analog Devices
ADM8845 AD-ADM8845_15 Datasheet
321Kb / 20P
Charge Pump Driver for LCD White LED Backlights
REV. C
logo
TDK Electronics
ALD-514012PJ134 TDK-ALD-514012PJ134 Datasheet
636Kb / 4P
DC-DC Converter for LC Panels with LED Backlights
logo
Banner Engineering Corp...
LED BANNER-LED Datasheet
355Kb / 5P
LED Series Sealed Backlights
LEDIB70X70QPMA BANNER-LEDIB70X70QPMA Datasheet
190Kb / 4P
LED..B..QPMA Series Backlights
LEDIB70X70W BANNER-LEDIB70X70W Datasheet
159Kb / 3P
LED..B..W Series Backlights
LEDRB100X200N BANNER-LEDRB100X200N Datasheet
45Kb / 2P
LED Backlights (100 x 200 mm)
logo
Lowpower Semiconductor ...
LP3352 POWER-LP3352 Datasheet
398Kb / 10P
6-Channel LED Driver for Backlights
logo
LG Semicon Co.,Ltd.
42LN5200 LG-42LN5200 Datasheet
8Mb / 48P
LG LED TV applies LCD screen with LED backlights.
logo
Analog Devices
ADM8845 AD-ADM8845_V01 Datasheet
509Kb / 18P
Charge Pump Driver for LCD White LED Backlights
Rev. D
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com