Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LEDIB85X220QPMA Datasheet(PDF) 2 Page - Banner Engineering Corp.

Part # LEDIB85X220QPMA
Description  LED..B..QPMA Series Backlights
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

LEDIB85X220QPMA Datasheet(HTML) 2 Page - Banner Engineering Corp.

  LEDIB85X220QPMA Datasheet HTML 1Page - Banner Engineering Corp. LEDIB85X220QPMA Datasheet HTML 2Page - Banner Engineering Corp. LEDIB85X220QPMA Datasheet HTML 3Page - Banner Engineering Corp. LEDIB85X220QPMA Datasheet HTML 4Page - Banner Engineering Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
P/N 119701
Banner Engineering Corp. • Minneapolis, MN U.S.A.
www.bannerengineering.com • Tel: 763.544.3164
LED..B..QPMA Series Backlights
110.4 mm
(4.35")
92.6 mm
(3.65")
46.2 mm
(1.81")
13.8 mm
(0.54")
94.0 mm
(3.70")
61.0 mm
(2.40")
15.8 mm
(0.62")
8.2 mm
(0.32")
10.8 mm
(0.43")
19.7 mm
(0.78")
71.0 mm
(2.80")
71.0 mm
(2.80")
4x M4 x 0.7
(7.1 mm Deep)
25.4 mm
(1.0")
Figure 1. 70x70 mm model backlight dimensions
Dimensions
Figure 2. 85x220 mm model backlight dimensions
6.9 mm
(0.27")
275.8 mm
(10.86")
244.3 mm
(9.62")
108.2 mm
(4.26")
25 mm
(0.98")
27.9 mm
(1.10")
220.0 mm
(8.66")
11.6 mm
(0.45")
85.0 mm
(3.3")
17.4 mm
(0.69")
73.5 mm
(2.89")



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com