Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LEDIB85X220W Datasheet(PDF) 2 Page - Banner Engineering Corp.

Part # LEDIB85X220W
Description  LED..B..W Series Backlights
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

LEDIB85X220W Datasheet(HTML) 2 Page - Banner Engineering Corp.

  LEDIB85X220W Datasheet HTML 1Page - Banner Engineering Corp. LEDIB85X220W Datasheet HTML 2Page - Banner Engineering Corp. LEDIB85X220W Datasheet HTML 3Page - Banner Engineering Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Dimensions
All measurements are listed in millimeters [inches], unless noted otherwise.
110.4 mm
(4.35")
92.6 mm
(3.65")
46.2 mm
(1.81")
13.8 mm
(0.54")
94.0 mm
(3.70")
61.0 mm
(2.40")
15.8 mm
(0.62")
8.2 mm
(0.32")
10.8 mm
(0.43")
19.7 mm
(0.78")
71.0 mm
(2.80")
71.0 mm
(2.80")
4x M4 x 0.7
(7.1 mm Deep)
25.4 mm
(1.0")
Figure 1. Backlight, 70x70 mm model
6.9 mm
(0.27")
275.8 mm
(10.86")
244.3 mm
(9.62")
108.2 mm
(4.26")
25 mm
(0.98")
27.9 mm
(1.10")
220.0 mm
(8.66")
11.6 mm
(0.45")
85.0 mm
(3.3")
17.4 mm
(0.69")
73.5 mm
(2.89")
Figure 2. Backlight, 85x220 mm model
Clean the Light
Regularly remove dust, dirt, or fingerprints from the light source.
1. Blow off dust using anti-static compressed air.
2. If necessary, use a lens cloth and lens cleaner or window cleaner to wipe off remaining debris.
Important: Do not use any other chemicals for cleaning the light source.
LED..B..W Series Backlights
2
www.bannerengineering.com - Tel: + 1 888 373 6767
P/N 115349 Rev. D



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com