Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LEDRRV62X62M Datasheet(PDF) 1 Page - Banner Engineering Corp.

Part # LEDRRV62X62M
Description  VE Series Ring Lights
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

LEDRRV62X62M Datasheet(HTML) 1 Page - Banner Engineering Corp.

  LEDRRV62X62M Datasheet HTML 1Page - Banner Engineering Corp. LEDRRV62X62M Datasheet HTML 2Page - Banner Engineering Corp. LEDRRV62X62M Datasheet HTML 3Page - Banner Engineering Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Datasheet
LED Ring Lights (in two sizes) for use with VE Series vision sensors
•
Low-cost ring lights for VE Series vision sensors
•
Solid-state LED matrix; select continuous or strobed operation via
sensor software
•
Direct connection to a VE Series vision sensor if the sensor is powered
by 24 V dc
•
Mounts directly to a VE Series vision sensor using the included hardware
Models
62 × 62 mm Models
80 × 80 mm Models
Color
Connection
LEDIRV62X62M
LEDIRV80X80M
Infrared, 940 nm
300 mm (12 in) cable with a threaded 3-pin
Pico-style connector
LEDRRV62X62M
LEDRRV80X80M
Visible red, 630 nm
LEDWRV62X62M
LEDWRV80X80M
White, all visible
LEDBRV62X62M
LEDBRV80X80M
Visible blue, 464 nm to 475 nm
LEDGRV62X62M
LEDGRV80X80M
Visible green, 520 nm to 540 nm
NOTE: Ring lights are not compatible with VELC..- Sealed Lens Covers. Use another lighting technique
if an IP67 rating is needed for your application.
Install the Ring Light
1. Attach the ring light bracket to the sides of the VE Series vision sensor using the provided hardware kit.
2. Connect the cable to the sensor.
Specifications
Supply Voltage and Current
Voltage is supplied by the VE Series vision sensors, if operating at 24 V
dc (see sensor manual, p/n 191666)
62 × 62 Models: Infrared—24 V dc at 100 mA max.
80 × 80 Models: 24 V dc at 250 mA max.
All other colors: 24 V dc at 130 mA max.
Connection
300 mm (12 in) cable with a threaded 3-pin Pico-style connector
Construction
Cold-rolled steel with black gloss e-coat plating, acrylic window, four
M3 × 6 mm screws are included to attach the ring light to the VE
Series vision sensor
Light Source
LED, see the Models table for wavelengths
Strobe Type
Active low
Useful Life
10,000 hours (LED ON time). When operated within specifications,
output decreases less than 30% after 10,000 hours and less than 50%
(less than 40% for red and IR models) after 20,000 hours
Operating Conditions
0 °C to +50 °C (+32 °F to +122 °F)
90% at +50 °C maximum relative humidity (non-condensing)
Environmental Rating
IEC IP20 with a qualified lens properly installed
Certifications
VE Series Ring Lights
Original Document
192656 Rev. B
1 June 2016
192656


Similar Part No. - LEDRRV62X62M

ManufacturerPart #DatasheetDescription
logo
Banner Engineering Corp...
LEDRRV70XD5-PM BANNER-LEDRRV70XD5-PM Datasheet
180Kb / 3P
VE Series LED High-Intensity Ring Light
LEDRRV70XD5-XM BANNER-LEDRRV70XD5-XM Datasheet
180Kb / 3P
VE Series LED High-Intensity Ring Light
LEDRRV75BM BANNER-LEDRRV75BM Datasheet
299Kb / 4P
VE Series LED High-Intensity Sealed Ring Light
LEDRRV75PM BANNER-LEDRRV75PM Datasheet
299Kb / 4P
VE Series LED High-Intensity Sealed Ring Light
More results

Similar Description - LEDRRV62X62M

ManufacturerPart #DatasheetDescription
logo
Banner Engineering Corp...
LEDIA80X80M BANNER-LEDIA80X80M Datasheet
199Kb / 2P
A80X80M Series Area Lights
LEDIA80X80QPMA BANNER-LEDIA80X80QPMA Datasheet
135Kb / 2P
A80X80QPMA Series Area Lights
LEDIA80X80W BANNER-LEDIA80X80W Datasheet
185Kb / 2P
A80X80W Series Area Lights
LEDIA62X62W BANNER-LEDIA62X62W Datasheet
407Kb / 2P
A62X62W Series Area Lights
LEDIR62X62M BANNER-LEDIR62X62M Datasheet
227Kb / 2P
LED..R..M Series Ring Lights
LEDIR62X62W BANNER-LEDIR62X62W Datasheet
239Kb / 3P
LED..R..W Series Ring Lights
LEDIRV75BM BANNER-LEDIRV75BM Datasheet
299Kb / 4P
VE Series LED High-Intensity Sealed Ring Light
LEDRI150-3W BANNER-LEDRI150-3W Datasheet
234Kb / 2P
LED..I150-3.. Low-Angle LED Ring Lights (150 mm)
LEDRRV70XD5-XM BANNER-LEDRRV70XD5-XM Datasheet
180Kb / 3P
VE Series LED High-Intensity Ring Light
LEDXR90S BANNER-LEDXR90S Datasheet
153Kb / 3P
LEDxR90S Series Sealed Ring Lights
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com