Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LEDRB100X200N Datasheet(PDF) 2 Page - Banner Engineering Corp.

Part # LEDRB100X200N
Description  LED Backlights (100 x 200 mm)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

LEDRB100X200N Datasheet(HTML) 2 Page - Banner Engineering Corp.

  LEDRB100X200N Datasheet HTML 1Page - Banner Engineering Corp. LEDRB100X200N Datasheet HTML 2Page - Banner Engineering Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Banner Engineering Corp., 9714 Tenth Ave. No., Mpls., MN 55441 • Ph: 763.544.3164 • www.bannerengineering.com • Email: sensors@bannerengineering.com
LED Backlights (100 x 200 mm)
Variable Power Supplies (see data sheet p/n 67449)
Accessories
Continuous Power Supplies
Extension Cables
Models
Length
Configuration
Used with
DB906†
1.8 m (6')
Terminated both ends with 9-pin D-sub connector, for continuous lights
(one end male pins and opposite end female pins)
Continuous types:
LEDRB100X200N
LEDIB100X200N
DB910†
3.0 m (10')
DB9Y†
1.8 m (6')
Y cable for powering 2 lights from one supply, for continuous lights
† These models are not stocked and are non-returnable.
Models
Input
Input
Cord
Output
Output
Cable
Used with
PSA-12E
PSA-12
100-250V ac
50/60 Hz
North America
(NEMA 5-15)
12V dc ±5%
with voltage
regulation of ±1%
3.5 A max.
1.8 m (6')
Terminated with
9-pin D-sub
connector
(female pins)
Continuous types:
LEDRB100X200N
LEDIB100X200N
Cont. Europe
(Schuko CEE 7)
Models
Input
Input
Cord
Output
Output
Cable
Used with
PS2V-12E†
PS2V-12†
100-140V ac
60 Hz
North America
(NEMA 5-15)
2-channels
6 - 12V dc
2 A max. per
channel
1.8 m (6')
Terminated with
9-pin D-sub
connector
(female pins)
Continuous types:
LEDRB100X200N
LEDIB100X200N
200-250V ac
50 Hz
Cont. Europe
(Schuko CEE 7)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com