Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LEDRRV80X80M Datasheet(PDF) 2 Page - Banner Engineering Corp.

Part # LEDRRV80X80M
Description  VE Series Ring Lights
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

LEDRRV80X80M Datasheet(HTML) 2 Page - Banner Engineering Corp.

  LEDRRV80X80M Datasheet HTML 1Page - Banner Engineering Corp. LEDRRV80X80M Datasheet HTML 2Page - Banner Engineering Corp. LEDRRV80X80M Datasheet HTML 3Page - Banner Engineering Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Dimensions
All measurements are listed in millimeters [inches], unless noted otherwise.
75.0
[2.95]
5.0
[.20]
8.0
[.32]
3.5
[.14]
1.2
[.05]
19.5
[.77]
85.0
[3.35]
86.2
[3.39]
59.1
[2.33]
17.8
[.70]
66.7
[2.63]
66.7
[2.63]
42.7
[1.68]
71.0
[2.80]
1.5
[.06]
Figure 1. 62 × 62 mm Models
59.1
[2.33]
17.8
[.70]
75.0
[2.95]
5.0
[.20]
8.0
[.32]
11.5
[.45]
9.2
[.36]
87.2
[3.43]
87.2
[3.43]
96.5
[3.80]
71.0
[2.80]
1.5
[.06]
4X 3.5
[.14]
85.0
[3.35]
45.7
[1.80]
Figure 2. 80 × 80 mm Models
VE Series Ring Lights
2
www.bannerengineering.com - Tel: +1-763-544-3164
P/N 192656 Rev. B



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com