Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LEDIO50M Datasheet(PDF) 2 Page - Banner Engineering Corp.

Part # LEDIO50M
Description  LED..O..M Series Diffused On-Axis Lights
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

LEDIO50M Datasheet(HTML) 2 Page - Banner Engineering Corp.

  LEDIO50M Datasheet HTML 1Page - Banner Engineering Corp. LEDIO50M Datasheet HTML 2Page - Banner Engineering Corp. LEDIO50M Datasheet HTML 3Page - Banner Engineering Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Wiring
On-Axis Light Wire
PresencePLUS Pro Controller
Terminal Block
External Power Supply
(Strobed)
External Power Supply
(Continuous)
Brown
Pin 1, +V (24 V dc ±10%)
+V
+V
Blue
Pin 2, -V (dc common)
-V
-V
Black
Pin 4 (strobe)
+5 V dc to 24 V dc OFF
-V
-V ON
Specifications
Light Source
Visible red LED, 630 nm ; Infrared, 880 nm ; Visible blue, 470 nm; White, 5500
K, or Green
Supply Voltage and Current
24 V dc ± 10% 500 mA maximum, 125 mA maximum for 50 mm models.
Direct connect to
PresencePLUS P4 sensor operating at 24 V dc only
Use only with a suitable Class 2 power supply (UL) or SELV power supply (CE)
Construction
Housing: aluminum with black anodizing
Beam Splitter: optical glass with optical coatings on both sides
Diffuser: high-precision cast acrylic
Dust Cover: optical glass with broadband anti-reflective coating (425 nm to
675 nm) (some models)
Useful Life
When operated within specifications, output will decrease less than 20% after
10,000 hours and less than 30% after 20,000 hours (based on continuous
operation).
Note: Actual useful life of strobed lights depends on
duty cycle.
Operating Conditions
Temperature: 0 °C to +50 °C (+32 °F to +122 °F)
Humidity: 90% at +50 °C maximum relative humidity (non-condensing)
Cleaning Instructions
Handle the sensor with care during installation and operation. Sensor
windows soiled by fingerprints, dust, water, oil, etc. may create stray light
that may degrade the peak performance of the sensor. Blow the window
clear using filtered, compressed air, then clean as necessary using a lens
cloth and lens cleaner or window cleaner. Do not use any other chemicals
for cleaning.
Installation
Before installing an on-axis light, it is recommended that the listed
ambient light filter be installed behind the camera lens. The filter improves
image quality by reducing unwanted ambient light.
•
100 mm models: 50 × 50 mm suggested field of view and 25
mm minimum suggested stand off
•
50 mm models: 25 × 25 mm suggested field of view and 25 mm
minimum suggested stand off
Certification
Dimensions
All measurements are listed in millimeters [inches], unless noted otherwise.
147.8 mm (5.82")
87.5 mm (3.44")
29.9 mm (1.18")
29.9 mm (1.18")
5.5 mm (0.22")
4X 1/4-20 UNC
29.6 mm
(1.17")
38.1 mm
(1.50")
59.8 mm
(2.36")
3X 1/4-20 UNC
10.9 mm
(0.43")
114.5 mm (4.5")
59.3 mm
(2.33")
Figure 2. 55 mm Models
178.0 mm (7.01")
109.3 mm
(4.30")
190.3 mm (7.49")
109.9 mm (4.33")
38.1 mm
(1.50")
35.9 mm
(1.41")
54.9 mm (2.16")
54.6 mm
(2.15")
5.5 mm (0.22")
138.0 mm (5.43")
3X 1/4-20 UNC
54.9 mm (2.16")
4X 1/4-20 UNC
Figure 3. 100 mm Models
LED..O..M Series Diffused On-Axis Lights
2
www.bannerengineering.com - Tel: + 1 888 373 6767
P/N 126059 Rev. M



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com