Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LEDBO50M Datasheet(PDF) 1 Page - Banner Engineering Corp.

Part # LEDBO50M
Description  LED..O..M Series Diffused On-Axis Lights
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

LEDBO50M Datasheet(HTML) 1 Page - Banner Engineering Corp.

  LEDBO50M Datasheet HTML 1Page - Banner Engineering Corp. LEDBO50M Datasheet HTML 2Page - Banner Engineering Corp. LEDBO50M Datasheet HTML 3Page - Banner Engineering Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Datasheet
Uniform lighting for machine vision applications
•
Diffused on-axis illumination provides uniform lighting for specular surfaces
•
Five light colors
•
Two sizes available
•
Continuous or strobed operation selectable via sensor software
•
Glass dust-covered models available (model numbers ending in -D)
•
Bracket options available
Models
Without Dust
Cover
With Dust Cover1 Color
Aperture Size
Cable2
Connections
Ambient Light
Filter Kit
LEDRO50M
LEDRO50M-D
Visible Red (630 nm)
50 mm
0.6 m (2 ft)
attached pigtail
8 mm male Pico-
style (for direct
connection to
PresencePLUS P4
sensor)
FLTR
LEDIO50M
LEDIO50M-D
Infrared (880 nm)
FLTI
LEDBO50M
LEDBO50M-D
Blue (470 nm)
FLTB
LEDWO50M
LEDWO50M-D
White (5500 K)
—
LEDGO50M
LEDGO50M-D
Green (530 nm)
FLTG
LEDRO100M
LEDRO100M-D
Visible Red (630 nm)
100 mm
FLTR
LEDIO100M
LEDIO100M-D
Infrared (880 nm)
FLTI
LEDBO100M
LEDBO100M-D
Blue (470 nm)
FLTB
LEDWO100M
LEDWO100M-D
White (5500 K)
—
LEDGO100M
LEDGO100M-D
Green (530 nm)
FLTG
Features
Housing
Dust Cover
(optional -
see models
table)
Diffuser
Beam
Splitter
View with side plate removed
Figure 1. View With Side Plate Removed
1 Optical glass anti-reflective coating, both sides.
2 Extension cables with flying leads are available for connecting to models other than PresencePLUS P4.
LED..O..M Series Diffused On-Axis Lights
Original Document
126059 Rev. M
14 March 2019
126059


Similar Part No. - LEDBO50M

ManufacturerPart #DatasheetDescription
logo
Banner Engineering Corp...
LEDBO25N BANNER-LEDBO25N Datasheet
46Kb / 2P
LED Diffused On-Axis Lights (25 mm)
LEDBO75N BANNER-LEDBO75N Datasheet
126Kb / 2P
LED Diffused On-Axis Lights (75 mm)
More results

Similar Description - LEDBO50M

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LEDRS75N ETC1-LEDRS75N Datasheet
45Kb / 2P
LED Highly-Diffused Lights (75 mm)
logo
OSRAM GmbH
ONYXL-7 OSRAM-ONYXL-7 Datasheet
111Kb / 3P
LED reading lights
logo
Banner Engineering Corp...
LEDIR62X62M BANNER-LEDIR62X62M Datasheet
227Kb / 2P
LED..R..M Series Ring Lights
LEDIR62X62W BANNER-LEDIR62X62W Datasheet
239Kb / 3P
LED..R..W Series Ring Lights
LEDRSM BANNER-LEDRSM Datasheet
173Kb / 2P
LED..SM Series Spot Lights
LEDRSW BANNER-LEDRSW Datasheet
176Kb / 2P
LED..SW Series Spot Lights
LEDWO25N BANNER-LEDWO25N Datasheet
46Kb / 2P
LED Diffused On-Axis Lights (25 mm)
LEDWO75N BANNER-LEDWO75N Datasheet
126Kb / 2P
LED Diffused On-Axis Lights (75 mm)
logo
Shanghai Cyanlite Techn...
PB40W060E-N1 CYANLITE-PB40W060E-N1 Datasheet
1Mb / 6P
Novelty LED Backlit Panel Lights NOVA Series forT15/T24 Lay-On Ceilings
PF30W312F CYANLITE-PF30W312F Datasheet
1Mb / 7P
LED Frame Lights for Lay-On Ceilings
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com