Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LEDWO50M Datasheet(PDF) 3 Page - Banner Engineering Corp.

Part # LEDWO50M
Description  LED..O..M Series Diffused On-Axis Lights
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

LEDWO50M Datasheet(HTML) 3 Page - Banner Engineering Corp.

  LEDWO50M Datasheet HTML 1Page - Banner Engineering Corp. LEDWO50M Datasheet HTML 2Page - Banner Engineering Corp. LEDWO50M Datasheet HTML 3Page - Banner Engineering Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Accessories
Cordsets
3-Pin Threaded M8/Pico-Style Cordsets
Model
Length
Style
Dimensions
Pinout (Female)
PKG3M-2
2 m (6.56 ft)
Straight
ø 9.5
35 Typ.
M8 x 1
4
3
1
1 = Brown
3 = Blue
4 = Black
PKG3M-5
5 m (16.40 ft)
PKG3M-7
7 m (22.97 ft)
PKG3M-9
9 m (29.53 ft)
PKG3M-10
10 m (32.81 ft)
Mounting Brackets
SMBP4OAL100
•
For use with right-angle or
in-line P4 sensors and 100
mm on-axis light
•
Centers lens on light
opening
•
Black zinc-plated steel
•
(4) M5 and (4) ¼-20 socket
drive, button-head screws
included
370
115
149
4X Ø6.6
28X Ø5.3
SMBPPOAL100
•
For use with Pro sensors
and 100 mm on-axis light
•
Centers lens on light
opening
•
Black zinc-plated steel
•
(4) M5 and (4) ¼-20 socket
drive, button-head screws
included
370
115
149
4X Ø6.6
28X Ø5.3
SMBP4OAL50
•
For use with right-angle or
in-line P4 sensors and 50
mm on-axis light
•
Centers lens on light
opening
•
Black anodized aluminum
and zinc-plated steel
•
(4) M3 flat head torx, (4) M5
and (4) ¼-20 socket drive,
button-head screws
included
325
71
99
4X Ø6.6
28X Ø5.3
SMBPPOAL50
•
For use with Pro sensors
and 50 mm on-axis light
•
Centers lens on light
opening
•
Black zinc-plated steel
•
(4) M5 and (4) ¼-20 socket
drive, button-head screws
included
325
65
100
4X Ø6.6
28X Ø5.3
Banner Engineering Corp. Limited Warranty
Banner Engineering Corp. warrants its products to be free from defects in material and workmanship for one year following the date of shipment. Banner Engineering Corp. will repair or
replace, free of charge, any product of its manufacture which, at the time it is returned to the factory, is found to have been defective during the warranty period. This warranty does not
cover damage or liability for misuse, abuse, or the improper application or installation of the Banner product.
THIS LIMITED WARRANTY IS EXCLUSIVE AND IN LIEU OF ALL OTHER WARRANTIES WHETHER EXPRESS OR IMPLIED (INCLUDING, WITHOUT LIMITATION, ANY WARRANTY OF
MERCHANTABILITY OR FITNESS FOR A PARTICULAR PURPOSE), AND WHETHER ARISING UNDER COURSE OF PERFORMANCE, COURSE OF DEALING OR TRADE USAGE.
This Warranty is exclusive and limited to repair or, at the discretion of Banner Engineering Corp., replacement. IN NO EVENT SHALL BANNER ENGINEERING CORP. BE LIABLE TO
BUYER OR ANY OTHER PERSON OR ENTITY FOR ANY EXTRA COSTS, EXPENSES, LOSSES, LOSS OF PROFITS, OR ANY INCIDENTAL, CONSEQUENTIAL OR SPECIAL DAMAGES
RESULTING FROM ANY PRODUCT DEFECT OR FROM THE USE OR INABILITY TO USE THE PRODUCT, WHETHER ARISING IN CONTRACT OR WARRANTY, STATUTE, TORT,
STRICT LIABILITY, NEGLIGENCE, OR OTHERWISE.
Banner Engineering Corp. reserves the right to change, modify or improve the design of the product without assuming any obligations or liabilities relating to any product previously
manufactured by Banner Engineering Corp. Any misuse, abuse, or improper application or installation of this product or use of the product for personal protection applications when the
product is identified as not intended for such purposes will void the product warranty. Any modifications to this product without prior express approval by Banner Engineering Corp will
void the product warranties. All specifications published in this document are subject to change; Banner reserves the right to modify product specifications or update documentation at
any time. Specifications and product information in English supersede that which is provided in any other language. For the most recent version of any documentation, refer to:
www.bannerengineering.com.
For patent information, see
www.bannerengineering.com/patents.
LED..O..M Series Diffused On-Axis Lights
© Banner Engineering Corp. All rights reserved



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com