Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LEDRO75N-S Datasheet(PDF) 2 Page - Banner Engineering Corp.

Part # LEDRO75N-S
Description  LED Diffused On-Axis Lights (75 mm)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

LEDRO75N-S Datasheet(HTML) 2 Page - Banner Engineering Corp.

  LEDRO75N-S Datasheet HTML 1Page - Banner Engineering Corp. LEDRO75N-S Datasheet HTML 2Page - Banner Engineering Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Banner Engineering Corp., 9714 Tenth Ave. No., Mpls., MN 55441 • Ph: 763.544.3164 • www.bannerengineering.com • Email: sensors@bannerengineering.com
LED Diffused On-Axis Lights (75 mm)
P/N 67439 rev. A
Strobe Control Module (see data sheet p/n 67448)
Models
Input
Trigger Input
Output
Output Pulse
Range
Used with
SCM†
24V dc ±5%
2 A max.
5 - 12V dc
pulse rising or
falling (switch
selectable)
10 mA max.
2-channels
24V dc ±5%
9 A nominal per
channel @ 60 Hz
5 to 1,300
microseconds
Strobed types:
LEDWO75N-S
LEDRO75N-S
(Use Power Supply PSC-24
or PSC-24E)
Variable Power Supplies (see data sheet p/n 67449)
Models
Input
Input Cord
Output
Output Cable
Used with
PS2V-12†
100-140V ac
60 Hz
North America
(NEMA 5-15)
2-channels
6 - 12V dc
2 A max. per
channel
1.8 m (6')
Terminated with
9-pin D-sub
connector
(female pins)
Continuous types:
LEDWO75N
LEDBO75N
LEDRO75N
LEDRO75N-H
PS2V-12E†
200-250V ac
50 Hz
Cont. Europe
(Schuko CEE 7)
Continuous Power Supplies
Models
Input
Input Cord
Output
Output Cable
Used with
PSA-12
100-250V ac
50/60 Hz
North America
(NEMA 5-15)
12V dc ±5%
with voltage
regulation of ±1%
3.5 A max.
1.8 m (6')
Terminated
with 9-pin D-
sub connector
(female pins)
Continuous types:
LEDWO75N
LEDBO75N
LEDRO75N
LEDRO75N-H
PSA-12E
Cont. Europe
(Schuko CEE 7)
PSC-24†
100-250V ac
50/60 Hz
North America
(NEMA 5-15)
24V dc ±5%
with voltage
regulation of ±1%
2.2 A max.
1.8 m (6')
2-wire
Unterminated
SCM Strobe
Control Module
(see below)
PSC-24E†
Cont. Europe
(Schuko CEE 7)
Banner Engineering Corp., 9714 Tenth Ave. No., Mpls., MN 55441 • Ph: 763.544.3164 • www.bannerengineering.com • Email: sensors@bannerengineering.com
Accessories
† These models are not stocked and are non-returnable.
Extension Cables
Models
Length
Configuration
Used with
DB906†
1.8 m (6')
Terminated both ends with 9-pin D-sub connector, for continuous lights
(one end male pins and opposite end female pins)
Continuous types:
LEDWO75N
LEDBO75N
LEDRO75N
LEDRO75N-H
DB910†
3.0 m (10'')
DB9Y†
1.8 m (6')
Y cable for powering 2 lights from one supply, for continuous lights
DB906S†
1.8 m (6')
Terminated both ends with 9-pin D-sub connector, for strobed lights
(one end male pins and opposite end female pins)
Strobed types:
LEDWO75N-S
LEDRO75N-S
DB910S†
3.0 m (10')
DB9YS†
1.8 m (6')
Y cable for powering 2 lights from one supply, for strobed lights
WARRANTY: Banner Engineering Corp. warrants its products to be free from defects for one year. Banner
Engineering Corp. will repair or replace, free of charge, any product of its manufacture found to be defective at the
time it is returned to the factory during the warranty period. This warranty does not cover damage or liability for the
improper application of Banner products. This warranty is in lieu of any other warranty either expressed or implied.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com