Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LEDBR90SS-P Datasheet(PDF) 1 Page - Banner Engineering Corp.

Part # LEDBR90SS-P
Description  LEDxR90S Series Sealed Ring Lights
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

LEDBR90SS-P Datasheet(HTML) 1 Page - Banner Engineering Corp.

  LEDBR90SS-P Datasheet HTML 1Page - Banner Engineering Corp. LEDBR90SS-P Datasheet HTML 2Page - Banner Engineering Corp. LEDBR90SS-P Datasheet HTML 3Page - Banner Engineering Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
LED Ring Lights for Use with PresencePLUS® Pro Sealed Sensors
Shown with cable installed; see Cables list for op-
tions
• Rugged, waterproof housing, rated IEC IP68
• 90 mm light diameter
• Solid-state LED matrix; continuous or strobed operation is selectable via sen-
sor software.
• Available with 316 stainless steel or nickel-plated aluminum housing and a
choice of either acrylic or tempered optical glass windows
• Mounts directly to PresencePLUS Pro washdown sensors
• LEDs directly illuminate target
Models
LED Color
Housing
Optional Ambient Light
Filter Kit
Optional Polarizing
Filter Kit
Acrylic Window Glass Window
LEDIR90S-P
LEDIR90S-G
Infrared, 940 nm
Nickel-plated alu-
minum
FLTI, included with IR
lights
LEDRPFK90
LEDRR90S-P
LEDRR90S-G
Visible Red, 630 nm
FLTR, included with
LEDRPFK90
LEDWR90S-P
LEDWR90S-G
White, All Visible
FLTB or FLTG
LEDBR90S-P
LEDBR90S-G
Blue, 464 to 475 nm
FLTB
LEDGR90S-P
LEDGR90S-G
Green, 520 to 540 nm
FLTG
LEDIR90SS-P
LEDIR90SS-G
Infrared, 940 nm
316 Stainless steel
FLTI, included with IR
lights
LEDRR90SS-P
LEDRR90SS-G
Visible Red, 630 nm
FLTR, included with
LEDRPFK90
LEDWR90SS-P
LEDWR90SS-G
White, All Visible
FLTB or FLTG
LEDBR90SS-P
LEDBR90SS-G
Blue, 464 to 475 nm
FLTB
LEDGR90SS-P
LEDGR90SS-G
Green, 520 to 540 nm
FLTG
Specifications
Supply Voltage and Current
Infrared: 24V dc @ 180 mA max.
All other colors: 24V dc @ 250 mA max.
Connections
8 mm male Pico-style connector; accessory cable re-
quired for operation, see page 3 for options
Construction
Housing: Nickel-plated aluminum or 100% 316 stain-
less steel, depending on model
Window: Acrylic or tempered optical glass window, de-
pending on model
Environmental Rating
Nickel-plated models: IEC IP68
Light Source
LED, see Models table above for wavelengths
Illumination
High-intensity ring light
Useful Life
When operated within specifications, output will de-
crease less than 30% after 20,000 hours and less than
50% (less than 40% for red and IR models) after
30,000 hours.
Cleaning Instructions
Regularly remove any dust, dirt, or fingerprints from the
light source.
1. Blow off dust using anti-static compressed air.
LEDxR90S Series Sealed Ring Lights
P/N 128842 rev. D
8/2/2012
0 128842
7


Similar Part No. - LEDBR90SS-P

ManufacturerPart #DatasheetDescription
logo
Banner Engineering Corp...
LEDBR62X62M BANNER-LEDBR62X62M Datasheet
227Kb / 2P
LED..R..M Series Ring Lights
LEDBR62X62W BANNER-LEDBR62X62W Datasheet
239Kb / 3P
LED..R..W Series Ring Lights
LEDBR70XD5-XM BANNER-LEDBR70XD5-XM Datasheet
349Kb / 4P
LED High-Intensity Ring Light
LEDBR70XD5-XQ BANNER-LEDBR70XD5-XQ Datasheet
349Kb / 4P
LED High-Intensity Ring Light
LEDBR80X80M BANNER-LEDBR80X80M Datasheet
227Kb / 2P
LED..R..M Series Ring Lights
More results

Similar Description - LEDBR90SS-P

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
310FS001M GLENAIR-310FS001M Datasheet
95Kb / 2P
O-Ring Sealed Shrink Boot Adapter
340AS001M16 GLENAIR-340AS001M16 Datasheet
94Kb / 1P
O-Ring Sealed Shorting Cap Backshell
340AS002M16 GLENAIR-340AS002M16 Datasheet
73Kb / 1P
O-Ring Sealed Shorting Cap Backshell
310-001 GLENAIR-310-001 Datasheet
215Kb / 2P
O-Ring Sealed Shrink Boot Adapter
logo
Banner Engineering Corp...
LEDRA70AP5-XQ BANNER-LEDRA70AP5-XQ Datasheet
312Kb / 6P
LED Series Sealed High-Intensity Area Lights
LEDIR62X62M BANNER-LEDIR62X62M Datasheet
227Kb / 2P
LED..R..M Series Ring Lights
LEDIR62X62W BANNER-LEDIR62X62W Datasheet
239Kb / 3P
LED..R..W Series Ring Lights
LEDIRV75BM BANNER-LEDIRV75BM Datasheet
299Kb / 4P
VE Series LED High-Intensity Sealed Ring Light
LEDIRV62X62M BANNER-LEDIRV62X62M Datasheet
212Kb / 3P
VE Series Ring Lights
LEDRI150-3W BANNER-LEDRI150-3W Datasheet
234Kb / 2P
LED..I150-3.. Low-Angle LED Ring Lights (150 mm)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com