Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ABM13 Datasheet(PDF) 1 Page - Abracon Corporation

Part # ABM13
Description  ULTRA MINIATURE CERAMIC SMD CRYSTAL
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ABM13 Datasheet(HTML) 1 Page - Abracon Corporation

  ABM13 Datasheet HTML 1Page - Abracon Corporation ABM13 Datasheet HTML 2Page - Abracon Corporation ABM13 Datasheet HTML 3Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
ABM13
ULTRA MINIATURE CERAMIC SMD CRYSTAL
APPLICATIONS:
• Portable radios and MP3 players
• Mobile phone, W-LAN, Bluetooth, Tuner Module
• Computers, Modems, Microprocessors
• Communication, Test equipment
• High density applications
• PCMCIA
ABRACON IS
CERTIFIED
ABRACON IS
ISO9001:2008
CERTIFIED
FEATURES:
• Suitable for RoHS reflow profile
• Available tight tolerance and stability
• Electron beam sealed ceramic package assures
high precision and reliability
• Smallest package size in industry1.2x1.0x0.28mm
1.2 x 1.0 x 0.28mm
STANDARD SPECIFICATIONS:
Parameters
Minimum
Typical
Maximum
Units
Notes
Frequency Range
36.000
80.000
MHz
Standard Frequency
37.400MHZ, 38.000MHZ, 40.000MHZ,
48.000MHZ, 52.000MHZ, 58.400MHZ,
64.000MHZ and 80.000MHZ
MHz
Operation Mode
Fundamental
Operating Temperature
0
+50
ºC
See options
Storage Temperature
-40
+85
ºC
Frequency Tolerance @+25°C
-50
+50
ppm
See options
Frequency Stability over the Operating
Temperature ( ref. to +25°C)
-50
+50
ppm
See options
Equivalent Series Resistance
200
Ω
Load capacitance (CL)
7
pF
Standard (See options if
other than STD)
Drive Level
10
100
µW
Pb RoHS/RoHS II compliant
2 Faraday, Suite# B
| Irvine | CA 92618 Revised: 07.09.15
Ph. 949.546.8000
| Fax. 949.546.8001
Visit www.abracon.com for Terms and Conditions of Sale
LLC
Moisture Sensitivity Level (MSL)
– This product is Hermetically Sealed and not Moisture Sensitive - MSL = N/A: Not Applicable


Similar Part No. - ABM13

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ABM13W ABRACON-ABM13W Datasheet
1Mb / 8P
IoT Optimized Ultra-Miniature Quartz Crystal
More results

Similar Description - ABM13

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ABM8 ABRACON-ABM8 Datasheet
200Kb / 2P
ULTRA MINIATURE CERAMIC SMD CRYSTAL
07.10.07
ABM11 ABRACON-ABM11 Datasheet
263Kb / 1P
CERAMIC SMD ULTRA MINIATURE QUARTZ CRYSTAL
ABM12 ABRACON-ABM12 Datasheet
195Kb / 2P
ULTRA MINIATURE CERAMIC SMD CRYSTAL
05.01.07
logo
Fox Electronics
24000FM FOX-24000FM Datasheet
84Kb / 1P
ULTRA MINIATURE CERAMIC SMD CRYSTAL
logo
Abracon Corporation
ABM8 ABRACON-ABM8_07 Datasheet
245Kb / 2P
ULTRA MINIATURE CERAMIC SMD CRYSTAL
08.30.07
logo
Fox Electronics
FM FOX-FM Datasheet
151Kb / 1P
ULTRA MINIATURE CERAMIC SMD CRYSTAL
logo
Abracon Corporation
ABM8-20000MHZ-B2-T ABRACON-ABM8-20000MHZ-B2-T Datasheet
1Mb / 2P
ULTRA MINIATURE CERAMIC SMD CRYSTAL
03.07.12
ABM8 ABRACON-ABM8_15 Datasheet
1Mb / 2P
ULTRA MINIATURE CERAMIC SMD CRYSTAL
08.19.15
ABM8-166 ABRACON-ABM8-166 Datasheet
1Mb / 3P
ULTRA MINIATURE CERAMIC SMD CRYSTAL
08.26.14
ABM10-165-38.400MHZ-T3 ABRACON-ABM10-165-38.400MHZ-T3 Datasheet
1Mb / 2P
Ultra Miniature Ceramic SMD Crystal
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com