Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F15909 Datasheet(PDF) 1 Page - Ledil, Inc.

Part # F15909
Description  Forward throwing beam with peak in 65째
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

F15909 Datasheet(HTML) 1 Page - Ledil, Inc.

  F15909 Datasheet HTML 1Page - Ledil, Inc. F15909 Datasheet HTML 2Page - Ledil, Inc. F15909 Datasheet HTML 3Page - Ledil, Inc. F15909 Datasheet HTML 4Page - Ledil, Inc. F15909 Datasheet HTML 5Page - Ledil, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
PRODUCT
DATASHEET
F15909_JENNY-FT65
JENNY-FT65
Forward throwing beam with peak in 65°
TECHNICAL SPECIFICATIONS:
Dimensions
35.0 mm
Height
15.4 mm
Fastening
pin
Colour
clear
Box size
480 x 280 x 300 mm
Box weight
8.4 kg
Quantity in Box
1140 pcs
ROHS compliant
yes
MATERIAL SPECIFICATIONS:
Component
Type
Material
Colour
JENNY-FT65
Single lens
Silicone
clear
Last update: 11/01/2019
Subject to change without prior notice
Published: 21/01/2019
LEDiL is a registered trademark of LEDiL Oy in the European Union, USA, and certain other countries.
1/5


Similar Part No. - F15909

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
F15910 LEDIL-F15910 Datasheet
2Mb / 4P
Forward throwing beam with peak in 65째.
F15940 LEDIL-F15940 Datasheet
2Mb / 44P
Linnea Lens
F15941 LEDIL-F15941 Datasheet
2Mb / 37P
Linnea Lens
F15952 LEDIL-F15952 Datasheet
2Mb / 39P
Linnea Lens
F15956 LEDIL-F15956 Datasheet
824Kb / 2P
Version compatible with COBs of 13.35 x 13.35mm packages and max 7.5 mm LES size
More results

Similar Description - F15909

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
CP13069 LEDIL-CP13069 Datasheet
2Mb / 5P
~65째 65째 rectangular beam
CP12637 LEDIL-CP12637 Datasheet
3Mb / 5P
~65째 wide beam
C16735 LEDIL-C16735 Datasheet
2Mb / 4P
~65째 wide beam
F16749 LEDIL-F16749 Datasheet
6Mb / 6P
~65째 100째 beam
DAISY-MINI-WW LEDIL-DAISY-MINI-WW Datasheet
2Mb / 6P
~65째 wide beam
CA13633 LEDIL-CA13633 Datasheet
18Mb / 10P
~65째 wide beam.
F15574 LEDIL-F15574 Datasheet
2Mb / 4P
Forward throwing beam with peak in 45째.
F15596 LEDIL-F15596 Datasheet
2Mb / 7P
Forward throwing beam with peak in 45째
F15910 LEDIL-F15910 Datasheet
2Mb / 4P
Forward throwing beam with peak in 65째.
C12359 LEDIL-C12359 Datasheet
1Mb / 5P
~65째 wide beam
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com