Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F16636 Datasheet(PDF) 1 Page - Ledil, Inc.

Part # F16636
Description  ~60째 90째 beam
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

F16636 Datasheet(HTML) 1 Page - Ledil, Inc.

  F16636 Datasheet HTML 1Page - Ledil, Inc. F16636 Datasheet HTML 2Page - Ledil, Inc. F16636 Datasheet HTML 3Page - Ledil, Inc. F16636 Datasheet HTML 4Page - Ledil, Inc. F16636 Datasheet HTML 5Page - Ledil, Inc. F16636 Datasheet HTML 6Page - Ledil, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
PRODUCT
DATASHEET
F16636_LINDA-W60
LINDA-W60
~60° + 90° beam
TECHNICAL SPECIFICATIONS:
Dimensions
23.8 x 1140.0 mm
Height
6.3 mm
Fastening
Colour
milky
Box size
1180 x 145 x 125 mm
Box weight
8.8 kg
Quantity in Box
120 pcs
ROHS compliant
yes
MATERIAL SPECIFICATIONS:
Component
Type
Material
Colour
LINDA-W60
Linear lens
PMMA
milky
Last update: 26/06/2019
Subject to change without prior notice
Published: 18/03/2019
LEDiL is a registered trademark of LEDiL Oy in the European Union, USA, and certain other countries.
1/6


Similar Part No. - F16636

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
F16602 LEDIL-F16602 Datasheet
4Mb / 4P
~60째 wide beam
F16603 LEDIL-F16603 Datasheet
4Mb / 4P
~30째 60째 oval beam
F16629 LEDIL-F16629 Datasheet
2Mb / 3P
Sublens for very narrow oval beam
More results

Similar Description - F16636

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
C16369 LEDIL-C16369 Datasheet
1Mb / 4P
~60째 beam
F14534 LEDIL-F14534 Datasheet
10Mb / 18P
~60째 wide beam
FN14828 LEDIL-FN14828 Datasheet
7Mb / 11P
~60째 medium beam
C15802 LEDIL-C15802 Datasheet
4Mb / 7P
~60째 wide beam
CA13498 LEDIL-CA13498 Datasheet
5Mb / 6P
~60째 wide beam
F15541 LEDIL-F15541 Datasheet
2Mb / 6P
~60째 beam
C13032 LEDIL-C13032 Datasheet
2Mb / 5P
~60째 wide beam
C16822 LEDIL-C16822 Datasheet
2Mb / 6P
~60째 wide beam
C16826 LEDIL-C16826 Datasheet
2Mb / 6P
~60째 wide beam
C16830 LEDIL-C16830 Datasheet
2Mb / 4P
~60째 wide beam
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com