Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AB-RTCMC-32.768KHZ-B5GA Datasheet(PDF) 2 Page - Abracon Corporation

Part # AB-RTCMC-32.768KHZ-B5GA
Description  Real Time Clock Module with I2C Bus
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

AB-RTCMC-32.768KHZ-B5GA Datasheet(HTML) 2 Page - Abracon Corporation

  AB-RTCMC-32.768KHZ-B5GA Datasheet HTML 1Page - Abracon Corporation AB-RTCMC-32.768KHZ-B5GA Datasheet HTML 2Page - Abracon Corporation AB-RTCMC-32.768KHZ-B5GA Datasheet HTML 3Page - Abracon Corporation AB-RTCMC-32.768KHZ-B5GA Datasheet HTML 4Page - Abracon Corporation AB-RTCMC-32.768KHZ-B5GA Datasheet HTML 5Page - Abracon Corporation AB-RTCMC-32.768KHZ-B5GA Datasheet HTML 6Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
AB-RTCMC-32.768kHz-B5GA-S3
Real Time Clock Module with I2C Bus
3.7 x 2.5 x 0.9 mm
Static Characteristics
Parameters
Min.
Typ.
Max.
Units
Notes
Supplies
Supply Voltage (VDD)
1.2
5.5
V
I2C bus inactive
TAMB=+25°C
1.8
5.5
I2C bus active
fSCL= 400kHz
VLOW
5.5
For clock data integrity
TAMB=+25°C
Current Consumption
(IDDO)
fSCL= 400kHz
800
µA
I2C bus active
fSCL= 100kHz
200
Current Consumption
(IDD) 1) 2) 3)
VDD = 5.0V
275
550
nA
I2C bus inactive(fSCL=0Hz)
CLKOUT disabled
TAMB=+25°C
VDD = 3.0V
250
500
VDD = 2.0V
225
450
Current Consumption
(IDD) 1) 2) 3)
VDD = 5.0V
500
750
nA
I2C bus inactive(fSCL=0Hz)
CLKOUT disabled
TAMB=-40 ~ +85°C
VDD = 3.0V
400
650
VDD = 2.0V
400
600
Current Consumption
(IDD32k) 3)
VDD = 5.0V
2.5
3.4
µA
I2C bus inactive(fSCL=0Hz)
CLKOUT enabled
(32.768kHz)
Load=7.5pF / TAMB= +25°C
VDD = 3.0V
1.5
2.2
VDD = 2.0V
1.1
1.6
Input
LOW Level Input Voltage (VIL)
VSS-0.5
30%* VDD
V
HIGH Level Input Voltage (VIH)
70%* VDD
VDD+0.5
V
Input Leakage Current (IL)
-1
+1
µA
VI=VDD or VSS
Input Capacitance (CI) 4)
F
p
7
Output
HIGH Level Output
Current (IOH)
Pin: CLKOUT
1
mA
VOH = 4.6V; VDD = 5.0V
LOW Level Output
Current (IOL)
Pin: SDA
-3
mA
VOL = 0.4V; VDD = 5.0V
Pin: INT
-1
Pin: CLKOUT
-1
Output Leakage Current (ILO)
-1
0
+1
µA
VO = VDD or VSS
Voltage Detector
Low Voltage (VLOW)
0.9
1.0
V
TAMB=+25°C
1) Timer source clock = 1/60 Hz.
2) CLKOUT disabled (FE = 0 or CLKOE = 0).
3) VIL and VIH with an input voltage swing of VSS to VDD.
4) Tested on sample basis.
Pb RoHS/RoHS II compliant
LLC
ABRACON IS
ISO9001-2015
CERTIFIED
5101 Hidden Creek Ln Spicewood TX 78669
Phone: 512-371-6159 | Fax: 512-351-8858
For terms and conditions of sales, please visit:
www.abracon.com
REVISED: 11.28.2018



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com