Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AB-RTCMC-32.768KHZ-EOZ9 Datasheet(PDF) 8 Page - Abracon Corporation

Part # AB-RTCMC-32.768KHZ-EOZ9
Description  DTCXO Temperature Compensated Real Time Clock Module with I2C Bus
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

AB-RTCMC-32.768KHZ-EOZ9 Datasheet(HTML) 8 Page - Abracon Corporation

Back Button AB-RTCMC-32.768KHZ-EOZ9 Datasheet HTML 2Page - Abracon Corporation AB-RTCMC-32.768KHZ-EOZ9 Datasheet HTML 3Page - Abracon Corporation AB-RTCMC-32.768KHZ-EOZ9 Datasheet HTML 4Page - Abracon Corporation AB-RTCMC-32.768KHZ-EOZ9 Datasheet HTML 5Page - Abracon Corporation AB-RTCMC-32.768KHZ-EOZ9 Datasheet HTML 6Page - Abracon Corporation AB-RTCMC-32.768KHZ-EOZ9 Datasheet HTML 7Page - Abracon Corporation AB-RTCMC-32.768KHZ-EOZ9 Datasheet HTML 8Page - Abracon Corporation AB-RTCMC-32.768KHZ-EOZ9 Datasheet HTML 9Page - Abracon Corporation AB-RTCMC-32.768KHZ-EOZ9 Datasheet HTML 10Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
AB-RTCMC-32.768kHz-EOZ9-S3
3.7 x 2.5 x 0.9 mm
PIN DESCRIPTIONS:
Pb RoHS/RoHS II compliant
DTCXO Temperature Compensated Real Time Clock Module with I2C Bus
Pin No.
Pin Name
Function
1
CLKOE
CLKOUT enable/disable pin; enable is active HIGH; tie to GND when not using
CLKOUT
2
VDD
Positive supply voltage; positive or negative steps in supply voltage may affect oscillator
performance, recommend 10 nF decoupling capacitor close to device
3
CLKOUT
Clock Output pin; CLKOUT or INT function can be selected.(Control_1; bit7; Clk/Int)
CLKOUT output push-pull / INT function open-drain requiring pull-up resistor
4
SCL
Serial Clock Input pin; requires pull-up resistor
5
SDA
Serial Data Input-Output pin; open-drain; requires pull-up resistor
6
VSS
Ground
7
INT
Interrupt output pin; open-drain; active LOW
8
N.C.
Not connected; internally used for test. do not connect other signals than ground
9
VBACKUP
Backup Supply Voltage; tie to GND when not using backup supply voltage
10
N.C.
Not connected; internally used for test. do not connect other signals than ground
BLOCK DIAGRAM:
LLC
ABRACON IS
ISO9001-2015
CERTIFIED
5101 Hidden Creek Ln Spicewood TX 78669
Phone: 512-371-6159 | Fax: 512-351-8858
For terms and conditions of sales, please visit:
www.abracon.com
REVISED: 11.28.2018



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com