Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FP16608 Datasheet(PDF) 1 Page - Ledil, Inc.

Part # FP16608
Description  25째 medium beam
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

FP16608 Datasheet(HTML) 1 Page - Ledil, Inc.

  FP16608 Datasheet HTML 1Page - Ledil, Inc. FP16608 Datasheet HTML 2Page - Ledil, Inc. FP16608 Datasheet HTML 3Page - Ledil, Inc. FP16608 Datasheet HTML 4Page - Ledil, Inc. FP16608 Datasheet HTML 5Page - Ledil, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
PRODUCT
DATASHEET
FP16608_LISA3CSP-M-PIN
LISA3CSP-M-PIN
25° medium beam
TECHNICAL SPECIFICATIONS:
Dimensions
Ø 10.0 mm
Height
7.2 mm
Fastening
pin
Colour
black
Box size
310 x 230 x 60 mm
Box weight
1.3 kg
Quantity in Box
2000 pcs
ROHS compliant
yes
MATERIAL SPECIFICATIONS:
Component
Type
Material
Colour
LISA3-M
Single lens
PMMA
clear
LISA3-HLD2-PIN
Holder
PC
black
Last update: 31/01/2019
Subject to change without prior notice
Published: 21/01/2019
LEDiL is a registered trademark of LEDiL Oy in the European Union, USA, and certain other countries.
1/5


Similar Part No. - FP16608

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
FP16607 LEDIL-FP16607 Datasheet
1Mb / 4P
15째 spot beam
FP16609 LEDIL-FP16609 Datasheet
2Mb / 5P
35째 wide beam
More results

Similar Description - FP16608

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
C13459 LEDIL-C13459 Datasheet
2Mb / 4P
~25째 medium beam
CA14402 LEDIL-CA14402 Datasheet
2Mb / 5P
~25째 medium beam
CN12216 LEDIL-CN12216 Datasheet
3Mb / 4P
~25째 infrared medium beam
CP12819 LEDIL-CP12819 Datasheet
1Mb / 4P
~25째 medium beam optimized
CP17137 LEDIL-CP17137 Datasheet
5Mb / 7P
~25째 medium beam.
C12287 LEDIL-C12287 Datasheet
2Mb / 6P
~25째 medium beam
C13254 LEDIL-C13254 Datasheet
2Mb / 5P
~25째 medium beam
CA12536 LEDIL-CA12536 Datasheet
5Mb / 10P
~25째 medium beam
C12095 LEDIL-C12095 Datasheet
4Mb / 6P
~25째 medium beam
CA14434 LEDIL-CA14434 Datasheet
3Mb / 5P
~25째 medium beam
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com