Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AB-RTCMC-32.768KHZ-IBO5 Datasheet(PDF) 8 Page - Abracon Corporation

Part # AB-RTCMC-32.768KHZ-IBO5
Description  Ultra-low Power Real Time Clock Module with I2C Bus
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

AB-RTCMC-32.768KHZ-IBO5 Datasheet(HTML) 8 Page - Abracon Corporation

Back Button AB-RTCMC-32.768KHZ-IBO5 Datasheet HTML 3Page - Abracon Corporation AB-RTCMC-32.768KHZ-IBO5 Datasheet HTML 4Page - Abracon Corporation AB-RTCMC-32.768KHZ-IBO5 Datasheet HTML 5Page - Abracon Corporation AB-RTCMC-32.768KHZ-IBO5 Datasheet HTML 6Page - Abracon Corporation AB-RTCMC-32.768KHZ-IBO5 Datasheet HTML 7Page - Abracon Corporation AB-RTCMC-32.768KHZ-IBO5 Datasheet HTML 8Page - Abracon Corporation AB-RTCMC-32.768KHZ-IBO5 Datasheet HTML 9Page - Abracon Corporation AB-RTCMC-32.768KHZ-IBO5 Datasheet HTML 10Page - Abracon Corporation AB-RTCMC-32.768KHZ-IBO5 Datasheet HTML 11Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
3.7 x 2.5 x 0.9 mm
Pb RoHS/RoHS II compliant
AB-RTCMC-32.768kHz-IBO5-S3
Ultra-low Power Real Time Clock Module with I2C Bus
Power-on AC Electrical Characteristics
TA = -40 to +85°C. VBACKUP < 1.2V
Parameters
VDD
TA
Min.
Typ.
Max.
Units
Low Period of VDD to Ensure a Valid POR
(tLOW:VDD)
1.7 – 3.6V
+85°C
0.1
s
+25°C
0.1
-20°C
1.5
-40°C
10
VDD Low to CLK/ INT Low (tVL:CLK)
1.7 – 3.6V
+85°C
0.1
s
+25°C
0.1
-20°C
1.5
-40°C
10
VDD High to CLK/ INT High (tVH:CLK)
1.7 – 3.6V
+85°C
0.4
s
+25°C
0.5
-20°C
3
-40°C
20
CLK/ INT High to XT Oscillator Start (tXTST)
1.7 – 3.6V
+85°C
0.4
s
+25°C
0.4
-20°C
0.5
-40°C
1.5
LLC
ABRACON IS
ISO9001-2015
CERTIFIED
5101 Hidden Creek Ln Spicewood TX 78669
Phone: 512-371-6159 | Fax: 512-351-8858
For terms and conditions of sales, please visit:
www.abracon.com
REVISED: 01.08.2019



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com