Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AB-RTCMC-32.768KHZ-ZIZE Datasheet(PDF) 2 Page - Abracon Corporation

Part # AB-RTCMC-32.768KHZ-ZIZE
Description  Real Time Clock Module with SPI Bus
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

AB-RTCMC-32.768KHZ-ZIZE Datasheet(HTML) 2 Page - Abracon Corporation

  AB-RTCMC-32.768KHZ-ZIZE Datasheet HTML 1Page - Abracon Corporation AB-RTCMC-32.768KHZ-ZIZE Datasheet HTML 2Page - Abracon Corporation AB-RTCMC-32.768KHZ-ZIZE Datasheet HTML 3Page - Abracon Corporation AB-RTCMC-32.768KHZ-ZIZE Datasheet HTML 4Page - Abracon Corporation AB-RTCMC-32.768KHZ-ZIZE Datasheet HTML 5Page - Abracon Corporation AB-RTCMC-32.768KHZ-ZIZE Datasheet HTML 6Page - Abracon Corporation AB-RTCMC-32.768KHZ-ZIZE Datasheet HTML 7Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
AB-RTCMC-32.768kHz-ZIZE-S2
Pb RoHS/RoHS II compliant
Real Time Clock Module with SPI Bus
5.0 x 3.2 x 1.2 mm
Static Characteristics
VDD=1.1~5.5V; VSS=0V; TAMB=-40°C ~+85°C; fOSC=32.768kHz
Parameters
Min.
Typ.
Max.
Units
Notes
Supplies
Supply Voltage (VDD)
1.1
5.5
V
Time-keeping mode
1)
SPI bus inactive
1.6
5.5
SPI bus active
Minimum Supply Voltage Detection
(VOSC(min))
0.9
V
TAMB=+25°C
Supply
Current (IDD)
VDD=2.0V 2)
120
nA
SPI bus inactive
CLKOUT disabled
TAMB=+25°C
VDD=3.0V 2)
130
VDD=5.0V 2)
140
VDD=2.0V 2)
350
nA
SPI bus inactive
CLKOUT disabled
TAMB= -40°C ~ +85°C
VDD=3.0V 2)
370
VDD=5.0V 2)
400
VDD=2.0V
280
nA
SPI bus inactive
CLKOUT enabled
CLKOUT =32.768kHz
TAMB=+25°C
VDD=3.0V
360
VDD=5.0V
540
VDD=2.0V
470
nA
SPI bus inactive
CLKOUT enabled
CLKOUT =32.768kHz
TAMB= -40°C ~ +85°C
VDD=3.0V
570
VDD=5.0V
770
fSCL=4.5MHz;VDD=5.0V
250
400
µA
SPI bus active
CLKOUT enabled
TAMB=+25°C
fSCL=1.0MHz;VDD=3.0V
30
80
Current
Consumption
(IDD32K)
fSCL= 0Hz;VDD=5.0V
2.5
3.4
µA
CLKOUT =32.768kHz
CLOAD =7.5pF
fSCL= 0Hz;VDD=3.0V
1.5
2.2
fSCL= 0Hz;VDD=2.0V
1.1
1.6
Input
LOW Level Input Voltage (VIL)
30%* VDD
V
HIGH Level Input Voltage (VIH)
70%* VDD
V
Input Voltage (VI)
Pins: CL, SCL, SDI, CLKOE
-0.5
0.5
V
Input Leakage
Current (IL)
VI = VDD or VSS
SCL,SDI,CLKOE,CLKOUT
-1
0
+1
µA
VI = VSS on pin CE
-1
0
Pull-down resistance (RPD) on pin CE
240
550
kΩ
LLC
ABRACON IS
ISO9001-2015
CERTIFIED
5101 Hidden Creek Ln Spicewood TX 78669
Phone: 512-371-6159 | Fax: 512-351-8858
For terms and conditions of sales, please visit:
www.abracon.com
REVISED: 11.28.2018



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com