Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FC9911 Datasheet(PDF) 13 Page - First Silicon Co., Ltd

Part # FC9911
Description  LED Driver Switch-Mode LED Driver IC with High Current Accuracy
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FC9911 Datasheet(HTML) 13 Page - First Silicon Co., Ltd

Back Button FC9911 Datasheet HTML 5Page - First Silicon Co., Ltd FC9911 Datasheet HTML 6Page - First Silicon Co., Ltd FC9911 Datasheet HTML 7Page - First Silicon Co., Ltd FC9911 Datasheet HTML 8Page - First Silicon Co., Ltd FC9911 Datasheet HTML 9Page - First Silicon Co., Ltd FC9911 Datasheet HTML 10Page - First Silicon Co., Ltd FC9911 Datasheet HTML 11Page - First Silicon Co., Ltd FC9911 Datasheet HTML 12Page - First Silicon Co., Ltd FC9911 Datasheet HTML 13Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 13 / 13 page
background image
The increase in the short circuit response time can be
computed using the various component values of the boost
converter. Consider a boost converter with a nominal output
current I
O = 350mA, an output sense resistor RS = 1.24Ω,
LED string voltage V
O = 100V and an output capacitor CO =
2.0mF. The disconnect FET is a TN2510N8 from Supertex
which has a saturation current I
SAT = 3A (at VGS = 6.0V). The
increase in the short circuit response time due to the RC
filter can then be computed as:
This increase is found to be negligible (note that the equation
is valid for ΔT << R
S • CO. In this case, RS • CO = 2.48µs, and
the condition holds.
Sizing the Output Sense Resistor
To avoid exceeding the peak-current rating of the output
sense resistor during short circuit conditions, the power
rating of the resistor has to be chosen properly.
In this case, the maximum power dissipated in the sense
resistor is:
P
SC = I
2
SAT • RS = 11W
From the datasheet for a 1.24Ω, 1/4W resistor, the maximum
.
W
1
1
s
i
t
n
e
r
r
u
c
f
o
e
s
l
u
p
s
m
1
e
l
g
n
i
s
a
r
o
f
e
t
a
p
i
s
s
i
d
n
a
c
ti
r
e
w
o
p
Since the total short circuit time is about 350ns (including the
300ns time for turn off), the resistor should be able to handle
the current.
∆t ≈ R
F • CF • In
I
SAT - IO
=1kΩ • 470pF • In 1-
1 -
0.35A
≈ 66ns
I
O
3A - 0.35A
R
OVP2
C
O
R
S
Q2
FAULT
FDBK
C
LED
V
O
V
D
i
SENSE
R
OVP2
C
O
R
S
Q2
FAULT
FDBK
C
LED
V
O
V
D
i
SENSE
C
f
Fig. 4. Output of the Boost Converter Show-
ing LED Parsed Capacitance
Fig. 5. Adding a Low-pass Filter to Prevent
Pulse Triggering
FC9911
2012. 10. 31
13/13
Revision No : 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com