Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FC9922 Datasheet(PDF) 6 Page - First Silicon Co., Ltd

Part # FC9922
Description  3-Pin Switch-Mode LED Lamp Driver IC
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FC9922 Datasheet(HTML) 6 Page - First Silicon Co., Ltd

  FC9922 Datasheet HTML 1Page - First Silicon Co., Ltd FC9922 Datasheet HTML 2Page - First Silicon Co., Ltd FC9922 Datasheet HTML 3Page - First Silicon Co., Ltd FC9922 Datasheet HTML 4Page - First Silicon Co., Ltd FC9922 Datasheet HTML 5Page - First Silicon Co., Ltd FC9922 Datasheet HTML 6Page - First Silicon Co., Ltd FC9922 Datasheet HTML 7Page - First Silicon Co., Ltd FC9922 Datasheet HTML 8Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
FC9922
2012. 10. 31
6/8
Revision No : 0
Step 1. Calculating L1.
The output voltage V
O = 12 x VF = 30V (max.). Use equation
(1) assuming a 30% peak-to-peak ripple.
L1 = (30V • 10.5µs) / (0.3 • 50mA) = 21mH
Select L1 22mH, I = 60mA. Typical SRF = 270KHz. Calculate
the coil capacitance.
C
L =
1
L1 • (2π • SRF)2
=
1
22mH
• (2π • 270kHz)2
≈ 15pF
Step 2. Selecting D1
Select D1 MUR160 with V
R = 600V, trr ≈ 50ns and CJ ≈ 8pF
(V
F > 50V).
Step 3. Calculating total parasitic capacitance using (3)
C
P = 5pF + 5pF + 15pF + 8pF = 33pf
Step 4. Calculating the leading edge spike duration using
(4), (5)
T
SPIKE =
135V • √2 • 33pF
+ 50ns
100mA
≈ 113ns < T
BLANK(MIN)
Step 5. Estimating power dissipation in FC9922 at 135VAC
using (8) and (10)
Switching power loss:
P
SWITCH =
1
(135V • 33pF + 2 • 100mA• 20ns)(135V - 30V)
2 • 10.5µs
0.7
P
SWITCH ≈ 65mW
Minimum duty ratio:
D
M = 30V / (0.7 • 135V • √2) ≈ 0.23
Conduction power loss:
P
COND = 32 • (50mA)
2
• 200Ω + 0.62 • 200µA • 135V
P
COND ≈ 175mW
Total power dissipation in FC9922:
P
TOTAL = 65mW + 175mW = 240mW
Step 6. Selecting input capacitor C
N
Output Power = 30V • 50mA = 1.5W
Select C
N 0.22µF, 250V.
Figure 2. Universal 85-265VAC LED Lamp Driver
C
IN
AC Line
85-265V
C
DD
3
FC9922
D1
L1
LED
1 - LED12
D2
U1
D3
D4
D5
C
IN2
L
IN
VRD1
F1
C
O
VDD
DRAIN
GND
1
2



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com