Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FC9961 Datasheet(PDF) 2 Page - First Silicon Co., Ltd

Part # FC9961
Description  LED Driver with Average-Mode Constant Current Control
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FC9961 Datasheet(HTML) 2 Page - First Silicon Co., Ltd

  FC9961 Datasheet HTML 1Page - First Silicon Co., Ltd FC9961 Datasheet HTML 2Page - First Silicon Co., Ltd FC9961 Datasheet HTML 3Page - First Silicon Co., Ltd FC9961 Datasheet HTML 4Page - First Silicon Co., Ltd FC9961 Datasheet HTML 5Page - First Silicon Co., Ltd FC9961 Datasheet HTML 6Page - First Silicon Co., Ltd FC9961 Datasheet HTML 7Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
FC9961
2015. 03. 23
2/7
Revision No : 1
Absolute Maximum Ratings
Parameter
Value
VIN to GND
-0.5V to +470V
VDD to GND
12V
CS, LD, PWMD, GATE, RT to GND
-0.3V to (VDD +0.3V)
Junction temperature range
-40°C to+150°C
Storage temperature range
-65°C to+150°C
Continuous power dissipation (T
A = +25°C)
8-Lead SOIC
16-Lead SOIC
650mW
1000mW
Stresses beyond those listed under "Absolute Maximum Ratings" may cause permanent damage to the device.
These are stress ratings only, and functional operation of the device at these or any other conditions beyond
those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
Thermal Resistance
Package
θJA
8-Lead SOIC
128℃/W
16-LeadSOIC
82℃/W
Pin Configuration
8-Lead SOIC
16-Lead SOIC
VIN
CS
GND
GATE
ROSC
LD
VDD
PWM_D
VIN
CS
GND
GATE
ROSC
LD
VDD
PWM_D
NC
NC
NC
NC
NC
NC
NC
NC



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com