Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FDR54CU Datasheet(PDF) 1 Page - First Silicon Co., Ltd

Part # FDR54CU
Description  Dual Series Schottky Barrier Diodes
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FDR54CU Datasheet(HTML) 1 Page - First Silicon Co., Ltd

  FDR54CU Datasheet HTML 1Page - First Silicon Co., Ltd FDR54CU Datasheet HTML 2Page - First Silicon Co., Ltd FDR54CU Datasheet HTML 3Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SEMICONDUCTOR
TECHNICAL DATA
FDR54CU
2013. 05. 08
1/3
Revision No : 0
1
3
2
SOT-323
DEVICE MARKING
FDR54CU=5C
These Schottky barrier diodes are designed for high speed switch-
ing applications, circuit protection, and voltage clamping. Extremely
low forward voltage reduces conduction loss. Miniature surface mount
package is excellent for hand held and portable applications where
space is limited.
• Extremely Fast Switching Speed
• Low Forward Voltage — 0.35 Volts (Typ) @ I
F = 10 mAdc
ORDERING INFORMATION
Device
Marking
Shipping
Dual Series Schottky
Barrier Diodes
We declare that the material of product
compliance with RoHS requirements.
FDR54CU
5C
3000/Tape & Reel
3
CATHODE
ANODE
1
ANODE
2
MAXIMUM RATINGS (T J = 125°C unless otherwise noted)
t
i
n
U
e
u
l
a
V
l
o
b
m
y
S
g
n
i
t
a
R
V
e
g
a
t
l
o
V
e
s
r
e
v
e
R
R
30
Volts
P
n
o
i
t
a
p
i
s
s
i
D
r
e
w
o
P
d
r
a
w
r
o
F
F
@ T A
W
m
5
2
2
C
°
5
2
=
8
.
1
C
°
5
2
e
v
o
b
a
e
t
a
r
e
D
mW/°C
I
)
C
D
(
t
n
e
r
r
u
C
d
r
a
w
r
o
F
F
200Max
mA
T
e
r
u
t
a
r
e
p
m
e
T
n
o
i
t
c
n
u
J
J
125Max
°C
T
e
g
n
a
R
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
S
stg
–55 to +150
°C
ELECTRICAL CHARACTERISTICS (T A = 25°C unless otherwise noted)
t
i
n
U
x
a
M
p
y
T
n
i
M
l
o
b
m
y
S
c
i
t
s
i
r
e
t
c
a
r
a
h
C
Reverse Breakdown Voltage (I R = 10
µA)
V(BR)R
30
—
—
Volts
Total Capacitance (V R = 1.0 V, f = 1.0 MHz)
CT
—
—
1 0
pF
Reverse Leakage (V R
I
)
V
5
2
=
R
—
0.5
2.0
µAdc
Forward Voltage (I F
V
)
c
d
A
m
1
.
0
=
F
—
0.22
0.24
Vdc
Forward Voltage (I F
V
)
c
d
A
m
0
3
=
F
—
0.41
0.5
Vdc
Forward Voltage (I F
V
)
c
d
A
m
0
0
1
=
F
—
0.52
1
Vdc
Reverse Recovery Time
(I F = I R = 10 mAdc, I R(REC) = 1.0 mAdc, Figure 1)
trr
—
—
5.0
ns
Forward Voltage (I F
V
)
c
d
A
m
0
.
1
=
F
—
0.29
0.32
Vdc
Forward Voltage (I F
V
)
c
d
A
m
0
1
=
F
—
0.35
0.40
Vdc
I
)
C
D
(
t
n
e
r
r
u
C
d
r
a
w
r
o
F
F
—
—
200
mAdc
I
t
n
e
r
r
u
C
d
r
a
w
r
o
F
k
a
e
P
e
v
i
t
i
t
e
p
e
R
FRM
—
—
300
mAdc
Non–Repetitive Peak Forward Current (t < 1.0 s)
IFSM
—
—
600
mAdc


Similar Part No. - FDR54CU

ManufacturerPart #DatasheetDescription
logo
First Silicon Co., Ltd
FDR54C FS-FDR54C Datasheet
128Kb / 3P
Dual Serles Schottky Barrler Dlodes
FDR54CDW FS-FDR54CDW Datasheet
575Kb / 5P
SCHOTTKY BARRIER DIODE ARRAYS
FDR54CE FS-FDR54CE Datasheet
191Kb / 3P
Dual Serles Schottky Barrler Dlodes
FDR54CLT1G FS-FDR54CLT1G Datasheet
128Kb / 3P
Dual Serles Schottky Barrler Dlodes
FDR54CLT3G FS-FDR54CLT3G Datasheet
128Kb / 3P
Dual Serles Schottky Barrler Dlodes
More results

Similar Description - FDR54CU

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
BAT54SWT1 LRC-BAT54SWT1 Datasheet
61Kb / 2P
Dual Series Schottky Barrier Diodes
LBAT54LT1 LRC-LBAT54LT1 Datasheet
76Kb / 3P
Dual Series Schottky Barrier Diodes
logo
ON Semiconductor
BAT54CTT1 ONSEMI-BAT54CTT1 Datasheet
48Kb / 4P
Dual Series Schottky Barrier Diodes
October, 2005 ??Rev. 2
BAT54CLT1 ONSEMI-BAT54CLT1 Datasheet
51Kb / 4P
Dual Series Schottky Barrier Diodes
September, 2005 ??Rev. 3
logo
Leshan Radio Company
LBAT54AWT1G LRC-LBAT54AWT1G Datasheet
94Kb / 3P
Dual Series Schottky Barrier Diodes
logo
ON Semiconductor
SBAT54SLT1G ONSEMI-SBAT54SLT1G Datasheet
121Kb / 4P
Dual Series Schottky Barrier Diodes
November, 2011 ??Rev. 15
logo
Leshan Radio Company
LBAT54SWT1G LRC-LBAT54SWT1G_15 Datasheet
201Kb / 3P
Dual Series Schottky Barrier Diodes
LRB715FT1G LRC-LRB715FT1G Datasheet
236Kb / 3P
Dual Series Schottky Barrier Diodes
logo
First Silicon Co., Ltd
FDR54SE FS-FDR54SE Datasheet
246Kb / 3P
Dual Series Schottky Barrier Diodes
logo
AiT Semiconductor Inc.
BAT54SW AITSEMI-BAT54SW Datasheet
730Kb / 6P
SCHOTTKY DIODES DUAL SERIES SCHOTTKY BARRIER DIODES
REV1.0
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com