Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FDR54E Datasheet(PDF) 2 Page - First Silicon Co., Ltd

Part # FDR54E
Description  SCHOTTKYBARRIERDIODE
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FDR54E Datasheet(HTML) 2 Page - First Silicon Co., Ltd

  FDR54E Datasheet HTML 1Page - First Silicon Co., Ltd FDR54E Datasheet HTML 2Page - First Silicon Co., Ltd FDR54E Datasheet HTML 3Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
FDR54E
2013. 6. 26
2/3
Revision No : 0
0.1
1
10
100
0
0.1
0.2
0.3
0.4
0.5
0.6
0.1
1
10
100
0
5
10
15
20
25
30
35
0
2
4
6
8
10
12
0
5
10
15
20
25
30
35
f=1MHz
FORWARD VOLTAGE:VF(V)
REVERSE VOLTAGE:VR(V)
REVERSE VOLTAGE:VR(V)
Fig.2 FORWARD CHARACTERISTICS
Fig.3 REVERSE CHARACTERISTICS
Fig.4 VR-CT CHARACTERISTICS
0.01
-55℃
25℃
75℃
100℃
125℃
-55℃
25℃
75℃
100℃
125℃
Notes: 1. A 2.0 kΩ variable resistor adjusted for a Forward Current (IF) of 10 mA.
2. Input pulse is adjusted so IR(peak) is equal to 10 mA.
3. tp» trr
+10 V
2 k
820 Ω
0.1 µF
DUT
VR
100 µH
0.1 µF
50 Ω OUTPUT
PULSE
GENERATOR
50 Ω INPUT
SAMPLING
OSCILLOSCOPE
tr
tp
t
10%
90%
IF
IR
trr
t
iR(REC) = 1 mA
OUTPUT PULSE
(IF = IR = 10 mA; measured
at iR(REC) = 1 mA)
IF
INPUT SIGNAL
Fig.1 RECOVERY TIME EQUIVALENT TEST CIRCUIT



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com