Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FDR54U Datasheet(PDF) 2 Page - First Silicon Co., Ltd

Part # FDR54U
Description  Schottky Barrier Diodes
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FDR54U Datasheet(HTML) 2 Page - First Silicon Co., Ltd

  FDR54U Datasheet HTML 1Page - First Silicon Co., Ltd FDR54U Datasheet HTML 2Page - First Silicon Co., Ltd FDR54U Datasheet HTML 3Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Notes: 1. A 2.0 kΩ variable resistor adjusted for a Forward Current (I
F ) of 10mA.
2. Input pulse is adjusted so I
R(peak) is equal to 10mA.
3. t
p » t rr
+10 V
2.0 k
820 Ω
100 µH
0.1µF
D U T
0.1 µF
50 Ω OUTPUT
PULSE
GENERATOR
t
r
50 Ω INPUT
SAMPLING
OSCILLOSCOPE
t
p
t
10%
90%
I
F
I
R
t
rr
t
i
R(REC) = 1.0 mA
OUTPUT PULSE
(I
F = I R = 10 mA; MEASURED
at i
R(REC) = 1.0 mA)
INPUTSIGNAL
I
F
V
R
V F , FORWARD VOLTAGE (VOLTS)
Figure 2. Forward Voltage
V R , REVERSE VOLTAGE (VOLTS)
Figure 3. Leakage Current
V R , REVERSE VOLTAGE (VOLTS)
Figure 4. Total Capacitance
TYPICAL CHARACTERISTICS
100
10
10
0.1
00
0.1
02
03
0.4
05
06
1000
100
10
10
0.1
0 01
0 001
0
5
10
15
20
25
30
14
12
10
8
6
4
2
0
0
5
10
15
20
25
30
Figure 1. Recovery Time Equivalent Test Circuit
150°C
125°C
85°C
25°C
– 40°C
–55°C
–25°C
FDR54U
2009. 04. 13
2/3
Revision No : 0



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com