Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FDR70C Datasheet(PDF) 3 Page - First Silicon Co., Ltd

Part # FDR70C
Description  SCHOTTKY BARRIER DIODE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FDR70C Datasheet(HTML) 3 Page - First Silicon Co., Ltd

  FDR70C Datasheet HTML 1Page - First Silicon Co., Ltd FDR70C Datasheet HTML 2Page - First Silicon Co., Ltd FDR70C Datasheet HTML 3Page - First Silicon Co., Ltd FDR70C Datasheet HTML 4Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
2012. 8. 18
3/4
Revision No : 0
FDR70/A/C/S
Electrical characteristic curves(TA = 25°C)
10
2
10
1
10
-1
10
-2
0
0.2
0.4
0.6
0.8
1.0
Tamb=125
OC
Tamb=-40
OC
Fig.1 Forward current as a function of
forward voltage; typical values.
FORWARD VOLTAGE: V
F
(V)
FORWARD VOLTAGE: I
F
(mA)
FORWARD VOLTAGE: V
R
(V)
FORWARD VOLTAGE: V
R
(V)
10
2
10
1
10
-1
10
-2
10
-3
0
20
40
60
80
Fig.2 Reverse current as a function of
reverse voltage; typical values.
2
1.5
1
0.5
0
0
20
40
60
80
Fig.4 Diode capacitance as a function of reverse
voltage;typical values.
10
3
10
2
10
1
10
-1
1
10
10
2
Fig.3 Differential forward resistance as a function
of forward current;typical values.
Tamb=25
OC
Tamb=85
OC
Tamb=125
OC
5
2
=
b
m
a
T
z
H
M
1
=
f
z
H
K
0
1
=
f
OC
Tamb=85
OC
Tamb=25
OC



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com