Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FDR160F Datasheet(PDF) 2 Page - First Silicon Co., Ltd

Part # FDR160F
Description  Schottky Barrier Rectifiers Reverse Voltage 20 to 200V Forward Current 1.0A
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FDR160F Datasheet(HTML) 2 Page - First Silicon Co., Ltd

  FDR160F Datasheet HTML 1Page - First Silicon Co., Ltd FDR160F Datasheet HTML 2Page - First Silicon Co., Ltd FDR160F Datasheet HTML 3Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2014. 05. 28
2/3
Revision No : 0
FDR120F~1200F
2.Ratings and Characteristic Curves ( TA = 25℃ unless other wise noted )
Fig. 1 Forward Current Derating Curve
0
25
50
75
100 125 150 175
1.0
0.5
0
60 Hz
Resistive or
Inductive Load
Case Temperature, ℃
Fig 4. Typical Reverse Characteristics
0
20
40
60
80
100
10
1.0
0.1
0.01
0.001
Percent of Rated Peak Reverse Voltage (%)
Tj=125
Tj=75
Tj=25
Fig 6. Typical Junction Capacitance
0.1
1
10
100
1000
100
10
TJ = 25℃
f = 1.0 M Hz
Reverse Voltage (V)
Fig 5. typical transient thermal
impedance
100
10
1
1000
0.01
0.1
1.0
10
100
t,Pulse duration,sec
Fig. 2 Maximum Non-repetitive Peak
Forward Surge Current
1
10
100
22
11
0
TJ = TJ max
8.3ms Single half
Sine-wave
Number of Cycles at 60Hz
TJ = 25℃
Pulsewidth = 3
1% Duty Cyc
10
1.0
0.1
0.01
100
Fig 3. Typical Instantaneous Forward
Characteristics
0.2
0.4
0.6
0.8
1.0
1.2
Instantaneous Forward Voltage (V)
TJ
Pulsewidth = 300us
1% Duty Cycle



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com