Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FDR180F Datasheet(PDF) 3 Page - First Silicon Co., Ltd

Part # FDR180F
Description  Schottky Barrier Rectifiers Reverse Voltage 20 to 200V Forward Current 1.0A
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FDR180F Datasheet(HTML) 3 Page - First Silicon Co., Ltd

  FDR180F Datasheet HTML 1Page - First Silicon Co., Ltd FDR180F Datasheet HTML 2Page - First Silicon Co., Ltd FDR180F Datasheet HTML 3Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
2014. 05. 28
3/3
Revision No : 0
FDR120F~1200F
3. dimension:
Suggested solder pad layout
Dimensions in inches and (
millimeters)
B
A
C
MIN
MAX
MIN
MAX
A
2.30
2.70
0.091
0.106
B
1.20
1.40
0.047
0.055
C
1.75
1.95
0.069
0.077
D
E
0.55
0.75
0022
0.030
F
0.10
0.20
0.004
0.008
G
0.65
0.95
0.026
0.037
H
0.50
0.70
0.020
0.028
I
0.40
0.80
0.016
0.031
J
1.15
1.55
0.045
0.061
K
INCHES
0.032Typ
0.30Typ
0.012Typ
DIM
MILLIMET ERS
0.8Typ
D
E
F
SOD-323F
PACKAGE
A
B
C
D
E
F
SOD123-FL
0.044(1.10)
0.079(2.00)
0.019(0 5)
0.032(0.8)
0.04(1.00)
0.075(1.90)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com