Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BWA-9O2-C Datasheet(PDF) 1 Page - Banner Engineering Corp.

Part # BWA-9O2-C
Description  Antenna Kit BWA-ANTKIT-003
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

BWA-9O2-C Datasheet(HTML) 1 Page - Banner Engineering Corp.

  BWA-9O2-C Datasheet HTML 1Page - Banner Engineering Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Antenna Kit BWA-ANTKIT-003
Low-gain omni-directional antenna kit BWA-ANTKIT-003 (p/n 18955) includes a 2 dBi rubber swivel antenna.
3
4
5, 6
2
7, 8
9
1
Qty
Part No.
Model
Description
1
1
76908
BWA-9O2-C
Antenna, Omni, 902–928 MHz, 2 dBi, Rubber swivel, RP-SMA Male
2
1
77488
BWC-1MRSFRSB4
RG58, RP-SMA Male to RP-SMA Female Bulkhead, 4 m
3
1
79296
BWC-LMRSFRPB
Surge Suppressor, Bulkhead, RP-SMA
4
1
78544
BWC-1MRSFRSB02
RG58, RP-SMA Male to RP-SMA Female Bulkhead, 0.2 m
5–9
Sold separately. Antenna kits do not include the radio, power supply, or enclosure components.
To create a weatherproof antenna connection, refer to the Sure Cross Wireless I/O Product Manual (p/n 132607), the Sure Cross
Installation Guide (p/n 151514), or Antenna Basics (p/n 132113).
Sure Cross® Antenna Kit BWA-ANTKIT-003
Original Document
159282 Rev. A
14 September 2017
159282


Similar Part No. - BWA-9O2-C

ManufacturerPart #DatasheetDescription
logo
Banner Engineering Corp...
BWA-9O5-C BANNER-BWA-9O5-C Datasheet
97Kb / 1P
Antenna Kit BWA-ANTKIT-002
BWA-9O6-A BANNER-BWA-9O6-A Datasheet
115Kb / 1P
Antenna Kit BWA-ANTKIT-001
More results

Similar Description - BWA-9O2-C

ManufacturerPart #DatasheetDescription
logo
EPCOS
B5092 EPCOS-B5092 Datasheet
67Kb / 7P
SAW IF filter BWA
B5093 EPCOS-B5093 Datasheet
73Kb / 7P
SAW IF filter BWA
logo
Level One
OAN-2090 LVL1-OAN-2090 Datasheet
209Kb / 3P
9 dBi Omni Directional Indoor/ Outdoor Antenna Kit
logo
Banner Engineering Corp...
BWA-ANTKIT-001 BANNER-BWA-ANTKIT-001 Datasheet
115Kb / 1P
Antenna Kit BWA-ANTKIT-001
BWA-ANTKIT-002 BANNER-BWA-ANTKIT-002 Datasheet
97Kb / 1P
Antenna Kit BWA-ANTKIT-002
BWA-ANTKIT-004 BANNER-BWA-ANTKIT-004 Datasheet
101Kb / 1P
Antenna Kit BWA-ANTKIT-004
BWA-ANTKIT-005 BANNER-BWA-ANTKIT-005 Datasheet
96Kb / 1P
Antenna Kit BWA-ANTKIT-005
BWA-ANTKIT-006 BANNER-BWA-ANTKIT-006 Datasheet
246Kb / 1P
Antenna Kit BWA-ANTKIT-006
logo
u-blox AG
XPLR-AOA-3 U-BLOX-XPLR-AOA-3 Datasheet
3Mb / 46P
Evaluation kit for ANT-B10 antenna boards
23-May-2023
logo
WONGSHI ENTERPRISE LIMI...
ANTHOME808 ANTENNAHOME-ANTHOME808 Datasheet
799Kb / 4P
Antenna KIT for develop engineers
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com