Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS6C1616 Datasheet(PDF) 2 Page - Alliance Semiconductor Corporation

Part # AS6C1616
Description  1024K X 16 BIT LOW POWER CMOS SRAM
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS6C1616 Datasheet(HTML) 2 Page - Alliance Semiconductor Corporation

  AS6C1616 Datasheet HTML 1Page - Alliance Semiconductor Corporation AS6C1616 Datasheet HTML 2Page - Alliance Semiconductor Corporation AS6C1616 Datasheet HTML 3Page - Alliance Semiconductor Corporation AS6C1616 Datasheet HTML 4Page - Alliance Semiconductor Corporation AS6C1616 Datasheet HTML 5Page - Alliance Semiconductor Corporation AS6C1616 Datasheet HTML 6Page - Alliance Semiconductor Corporation AS6C1616 Datasheet HTML 7Page - Alliance Semiconductor Corporation AS6C1616 Datasheet HTML 8Page - Alliance Semiconductor Corporation AS6C1616 Datasheet HTML 9Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
PIN CONFIGURATION
TFBGA
A19
A3
1
1
A
9
A
0
1
A
A0
A14
A8
NC
WE#
DQ9
DQ14
DQ15
A18
Vss
CE2
A13
DQ8
Vcc
Vcc
DQ7
A15
Vss
CE#
LB#
DQ6
DQ2
DQ0
A2
OE#
A1
5
A
6
A
A4
UB#
123
4
5
6
H
G
C
D
E
F
A
B
A12
NC
A17
A7
A16
DQ10
DQ11
DQ12
DQ13
DQ5
DQ4
DQ3
DQ1
ABSOLUTE MAXIMUN RATINGS*
PARAMETER SYMBOL
RATING
UNIT
Voltage on VCC relative to VSS
VT1
-0.5 to 4.6
V
Voltage on any other pin relative to VSS
VT2
-0.5 to VCC+0.5 V
Operating Temperature
TA
-40 to 85(I grade)
℃
Storage Temperature
TSTG
-65 to 150
℃
Power Dissipation
PD 1
W
DC Output Current
IOUT 50
mA
Soldering Temperature (under 10 sec)
TSOLDER 260
℃
*Stresses greater than those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress
rating only and functional operation of the device or any other conditions above those indicated in the operational sections of this
specification is not implied. Exposure to the absolute maximum rating conditions for extended period may affect device reliability.
512K X 8 BI T LOW POWER CMOS SRAM
January 2007
1024K X 16 BIT LOW POWER CMOS SRAM
FEBRUARY 2009
FEBRUARY/2009, V 1.a
Alliance Memory Inc.
Page 2 of 11
AS6C1616



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com