Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WNB051C5APTS Datasheet(PDF) 1 Page - WeEn Semiconductors

Part # WNB051C5APTS
Description  Hyperfast power diode - Bare die
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEEN [WeEn Semiconductors]
Direct Link  http://www.ween-semi.com
Logo WEEN - WeEn Semiconductors

WNB051C5APTS Datasheet(HTML) 1 Page - WeEn Semiconductors

  WNB051C5APTS Datasheet HTML 1Page - WeEn Semiconductors WNB051C5APTS Datasheet HTML 2Page - WeEn Semiconductors WNB051C5APTS Datasheet HTML 3Page - WeEn Semiconductors WNB051C5APTS Datasheet HTML 4Page - WeEn Semiconductors WNB051C5APTS Datasheet HTML 5Page - WeEn Semiconductors WNB051C5APTS Datasheet HTML 6Page - WeEn Semiconductors WNB051C5APTS Datasheet HTML 7Page - WeEn Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
WNB051C5APTS
Hyperfast power diode - Bare die
29 October 2017
Product data sheet
1. General description
Hyperfast power diode bare die.
2. Features and benefits
• Fast switching
• Low forward voltage drop
• Soft recovery characteristic
• Bare die
3. Quick reference data
Table 1. Quick reference data
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VRRM*
repetitive peak reverse
voltage
-
-
600
V
IF(AV)**
average forward
current
δ = 0.5 ; square-wave pulse
-
-
2
A
Static characteristics
IF = 1 A; Tj = 25 °C
-
1.25
1.7
V
VF**
forward voltage
IF = 2 A; Tj = 25 °C
-
-
2
V
Dynamic characteristics
trr**
reverse recovery time
IF = 1A; dIF/dt = 100 A/µs; VR
= 30 V; Tj = 25 °C;
-
30
-
ns
4. Ordering information
Table 2.
Ordering information
Package
Type number
Name
Description
Version
WNB051C5APTS
Wafer
Bare die on wafer
Die


Similar Part No. - WNB051C5APTS

ManufacturerPart #DatasheetDescription
logo
WeEn Semiconductors
WNB087C5APPS12 WEEN-WNB087C5APPS12 Datasheet
251Kb / 7P
Hyperfast power diode - Bare die
WNB087R5APPS12 WEEN-WNB087R5APPS12 Datasheet
250Kb / 7P
Ultrafast power diode - Bare die
WNB098C5APPS12 WEEN-WNB098C5APPS12 Datasheet
252Kb / 7P
Hyperfast power diode - Bare die
More results

Similar Description - WNB051C5APTS

ManufacturerPart #DatasheetDescription
logo
WeEn Semiconductors
WNB098C5APPS12 WEEN-WNB098C5APPS12 Datasheet
252Kb / 7P
Hyperfast power diode - Bare die
WNB111C5APTS WEEN-WNB111C5APTS Datasheet
948Kb / 7P
Hyperfast power diode - Bare die
WNB138C5APPS12 WEEN-WNB138C5APPS12 Datasheet
251Kb / 7P
Hyperfast power diode - Bare die
WNB169C5APPS12 WEEN-WNB169C5APPS12 Datasheet
251Kb / 7P
Hyperfast power diode - Bare die
WNB325C5APPS12 WEEN-WNB325C5APPS12 Datasheet
253Kb / 7P
Hyperfast power diode - Bare die
WB30FC120AL WEEN-WB30FC120AL Datasheet
249Kb / 7P
Hyperfast power diode - Bare die
WB75FC65AL WEEN-WB75FC65AL Datasheet
250Kb / 7P
Hyperfast power diode - Bare die
WB75FC120AL WEEN-WB75FC120AL Datasheet
250Kb / 7P
Hyperfast power diode - Bare die
WB100FC120AL WEEN-WB100FC120AL Datasheet
252Kb / 7P
Hyperfast power diode - Bare die
WBSF30FC120AL WEEN-WBSF30FC120AL Datasheet
250Kb / 7P
Hyperfast power diode - Bare die
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com