Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TIP142T Datasheet(PDF) 2 Page - First Silicon Co., Ltd

Part # TIP142T
Description  Darlington TRANSISTOR (NPN)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

TIP142T Datasheet(HTML) 2 Page - First Silicon Co., Ltd

  TIP142T Datasheet HTML 1Page - First Silicon Co., Ltd TIP142T Datasheet HTML 2Page - First Silicon Co., Ltd TIP142T Datasheet HTML 3Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2015. 10. 14
2/3
Revision No : 0
TIP142T
Electrical Characteristics (Ta=25℃)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Collector to Emitter Breakdown
Voltage
VCEO
IC=30mA
IB=0
100
V
Collector Cut-Off Current
ICEO
VCE=50V
IB=0
2
mA
Collector Cut-Off Current
ICBO
VCB=100V
IE=0
1
mA
Emitter Cut-Off Current
IEBO
VEB=5V
IC=0
2
mA
DC Current Gain(1)
hFE(1)
VCE=4V
IC=5A
1000
DC Current Gain(2)
hFE(2)
VCE=4V
IC=10A
500
Collector to Emitter Saturation
Voltage(1)
VCE(sat)(1) IC=5A
IB=10mA
2
V
Collector to Emitter Saturation
Voltage(2)
VCE(sat)(2) IC=10A
IB=40mA
3
V
Base to Emitter Saturation Voltage VBE(sat)
IC=10A
IB=40mA
3.5
V
Base to Emitter Voltage
VBE
VCE=4V
IC=10A
3
V
t
e
m
i
T
y
a
l
e
D
D
5
1
.
0
μs
t
e
m
i
T
e
s
i
R
R
5
5
.
0
μs
t
e
m
i
T
e
g
a
r
o
t
S
STG
5
.
2
μs
t
e
m
i
T
ll
a
F
F
VCC=30V
IC=5A
IB1=20mA
IB2=20mA
RL=6Ω
2.5
μs



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com