Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMBRF30100CT Datasheet(PDF) 2 Page - First Silicon Co., Ltd

Part # TMBRF30100CT
Description  Dual Schottky Barrier Rectifiers Reverse Voltage 100 Volts , Forward Current 30A
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

TMBRF30100CT Datasheet(HTML) 2 Page - First Silicon Co., Ltd

  TMBRF30100CT Datasheet HTML 1Page - First Silicon Co., Ltd TMBRF30100CT Datasheet HTML 2Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2019. 02. 27
2/2
Revision No : 0
TMBRF30100CT
RATINGS AND CHARACTERISTIC CURVES
IR - VR
REVERSE VOLTAGE VR (V)
I - V
F
F
0.1
10
100
1
0
0.2
0.4
0.6
0.8
1.0
1.2
100
1000
10000
10
1
0.1
0.01
0.001
0
40
80
20
60
100
Ta=25 C
Ta= -25 C
FORWARD VOLTAGE VF (V)
Ta=125 C
Ta=75 C
Ta=25 C
Ta= -25 C
Ta=125 C
Ta=75 C



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com