Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UP5-1R0-R Datasheet(PDF) 2 Page - Eaton All Rights Reserved.

Part # UP5-1R0-R
Description  High power, drum inductors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

UP5-1R0-R Datasheet(HTML) 2 Page - Eaton All Rights Reserved.

  UP5-1R0-R Datasheet HTML 1Page - Eaton All Rights Reserved. UP5-1R0-R Datasheet HTML 2Page - Eaton All Rights Reserved. UP5-1R0-R Datasheet HTML 3Page - Eaton All Rights Reserved. UP5-1R0-R Datasheet HTML 4Page - Eaton All Rights Reserved. UP5-1R0-R Datasheet HTML 5Page - Eaton All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
Technical Data
4409
Effective December 2015
UP5
High power, drum inductors
www.eaton.com/elx
Product Specifications
Part Number5
OCL1 μH ± 20%
Irms2 (amps)
sat3 (amps)
@25°C
SRF MHz typical
DCR mΩ @ 20°C
Maximum
K-factor4
UP5-1R0-R
1.0
8.6
20.0
140
9.0
73.61
UP5-1R5-R
1.5
7.5
18.0
110
12.0
60.22
UP5-2R2-R
2.2
7.1
16.0
75.0
14.0
50.96
UP5-3R3-R
3.3
6.2
14.0
70.0
18.0
44.16
UP5-5R6-R
5.6
5.3
12.0
45.0
20.0
31.55
UP5-100-R
10.0
4.3
10.0
21.0
31.0
24.54
UP5-150-R
15.0
4.0
8.0
16.0
36.0
20.07
UP5-220-R
22.0
3.5
7.0
13.0
47.0
16.99
UP5-330-R
33.0
3.0
5.5
11.0
66.0
14.09
UP5-470-R
47.0
2.6
4.5
9.0
86.0
11.62
UP5-680-R
68.0
2.3
3.5
6.5
130
9.60
UP5-101-R
100
1.8
3.0
5.7
190
7.98
UP5-151-R
150
1.5
2.6
4.5
250
6.56
UP5-221-R
220
1.2
2.4
3.7
380
5.39
UP5-331-R
330
1.0
1.9
3.0
560
4.39
UP5-471-R
470
0.82
1.4
2.7
850
3.70
UP5-681-R
680
0.72
1.2
2.2
1100
3.08
UP5-102-R
1000
0.56
1.0
2.0
1800
2.54
Dimensions (mm)
1. OpenCircuitInductance(OCL)TestParameters:100kHz,0.25Vrms,0.0Adc
2. Irms: DC current for an approximate ΔT rise of 40°C without core loss. Derating is necessary for AC currents. PCB
layout, trace thickness and width, air-flow and proximity of other heat generat- ing components will affect the
temperature rise. It is recommended the part temperature not exceed 125°C under worst case operating conditions
verified in the end application.
3. Isat: Peak current for approximately 10% rolloff at 25°C.
4. K-factor:UsedtodetermineBp-pforcoreloss(seegraph).Bp-p=K*L*ΔI,Bp-p:(Gauss), K: (K-factor from table),
L: (inductance in μH), ΔI (peak-to-peak ripple current in amps).
5. Part Number Definition: UP5-xxx-R
• UP5 = Product code and size
• xxx= Inductance value in μH, R = decimal point. If no R is present, then third digit equals the number of zeros.
• “-R” suffix = RoHS compliant
xxx = Inductance value in μH (R = Decimal point).
If no “R” is present, then the third digit equals the number of zeros.
wwllyy = Date code R = Revision level
±
±



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com