Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM74LS293M Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DM74LS293M
Description  4-Bit Binary Counter
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DM74LS293M Datasheet(HTML) 4 Page - National Semiconductor (TI)

  DM74LS293M Datasheet HTML 1Page - National Semiconductor (TI) DM74LS293M Datasheet HTML 2Page - National Semiconductor (TI) DM74LS293M Datasheet HTML 3Page - National Semiconductor (TI) DM74LS293M Datasheet HTML 4Page - National Semiconductor (TI) DM74LS293M Datasheet HTML 5Page - National Semiconductor (TI) DM74LS293M Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Function Tables
Count Sequence (See Note C)
Count
Outputs
QD
QC
QB
QA
0L
L
L
L
1L
L
L
H
2L
L
H
L
3L
L
H
H
4L
H
L
L
5L
H
L
H
6L
H
H
L
7L
H
H
H
8H
L
L
L
9H
L
L
H
10
H
L
H
L
11
H
L
H
H
12
H
H
L
L
13
H
H
L
H
14
H
H
H
L
15
H
H
H
H
Note C
Output QA is connected to input B
ResetCount Truth Table
Reset Inputs
Outputs
R0(1)
R0(2)
QD
QC
QB
QA
HH
L
L
L
L
L
X
COUNT
X
L
COUNT
H e High Level L e Low Level X e Don’t Care
Logic Diagram
LS293
TLF6423 – 2
Note
The J and K inputs shown without connection are for reference only and are functionally at a high level
4



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com