Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EYMF2CSMM Datasheet(PDF) 3 Page - Taiyo Yuden (U.S.A.), Inc

Part # EYMF2CSMM
Description  Buletooth Module
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAIYO-YUDEN [Taiyo Yuden (U.S.A.), Inc]
Direct Link  http://www.t-yuden.com/
Logo TAIYO-YUDEN - Taiyo Yuden (U.S.A.), Inc

EYMF2CSMM Datasheet(HTML) 3 Page - Taiyo Yuden (U.S.A.), Inc

  EYMF2CSMM Datasheet HTML 1Page - Taiyo Yuden (U.S.A.), Inc EYMF2CSMM Datasheet HTML 2Page - Taiyo Yuden (U.S.A.), Inc EYMF2CSMM Datasheet HTML 3Page - Taiyo Yuden (U.S.A.), Inc EYMF2CSMM Datasheet HTML 4Page - Taiyo Yuden (U.S.A.), Inc EYMF2CSMM Datasheet HTML 5Page - Taiyo Yuden (U.S.A.), Inc EYMF2CSMM Datasheet HTML 6Page - Taiyo Yuden (U.S.A.), Inc EYMF2CSMM Datasheet HTML 7Page - Taiyo Yuden (U.S.A.), Inc EYMF2CSMM Datasheet HTML 8Page - Taiyo Yuden (U.S.A.), Inc EYMF2CSMM Datasheet HTML 9Page - Taiyo Yuden (U.S.A.), Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
•The module is a Max.4dBm( Class2 ) module.
•Bluetooth® standard Ver1.1 conformity.
•Internal baseband clock oscillator.
•Internal 1.8V regulator
•Low current consumption
•Support functions
Serial Port Emulation (Point-To-Point)
• Interface: UART
• Protocol Stack/Profile (L2CAP,RFCOMM,SDP,GAP,SPP)
•Small outline.
15.4 x 10 x 2.0 mm
Bluetooth® Module
Simple Cable Replacement
TAIYO YUDEN
Features
Outline
• POS,Barcode Reader,FA equipments
Applications
Jun./2003 Ver.1.1
EYSF2CA**-**
General Electrical Specification
mA
-
TBD
Receive DM1 Packet
Average Current Consumption
V
3.60
3.30
3.00
Operating Voltage (VDD_PIO)
V
VDD_PIO+0.30
-
0.70VDD_PIO
RESET, UART, GPIO
Input High Voltage
V
0.40
-
-
UART, GPIO
Output Low Voltage
V
-
-
VDD_PIO-0.40
UART, GPIO
Output High Voltage
V
0.80
-
-0.30
RESET, UART, GPIO
Input Low Voltage
-
5:1
No abnormal Oscillation
Load Impedance
dBm
-70
-83
RX Sensitivity
dBm
4
0
-6
measured in 50 ohm
RF Output Power
V
3.60
3.30
3.00
Operating Voltage (VDD_MEM)
GHz
2.480
2.402
Carrier Frequency
Units
Max.
Typ.
Min.
Description
Parameter
Block Diagram
2.2
1x11
2.2
15.4
Unit: mm
RFCOMM
L2CAP
SDP
LMP
LED, Baudrate, Role, Op Mode
UART
Balun
I/O
Flash
Memory
Xtal
Loop Filter
RF + BB
B.P.F
VDD_PIO
UART(4)
SPI(4)
LED(2)
Operation Mode
VDD_MEM
GND(6)
Baud Rate(3)
Role
RESET
Regulator
RF_IN-OUT
Note:The above PRELIMINARY data are not guaranteed,and are subject to change without notice.
The Bluetooth® word mark and logos are owned by the Bluetooth SIG, Inc. and any use of such marks
by TAIYO YUDEN CO.,LTD. is under license.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com