Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPC1555C Datasheet(PDF) 2 Page - NEC

Part # UPC1555C
Description  TIMER CIRCUIT
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC1555C Datasheet(HTML) 2 Page - NEC

  UPC1555C Datasheet HTML 1Page - NEC UPC1555C Datasheet HTML 2Page - NEC UPC1555C Datasheet HTML 3Page - NEC UPC1555C Datasheet HTML 4Page - NEC UPC1555C Datasheet HTML 5Page - NEC UPC1555C Datasheet HTML 6Page - NEC UPC1555C Datasheet HTML 7Page - NEC UPC1555C Datasheet HTML 8Page - NEC UPC1555C Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
µPC1555
ABSOLUTE MAXIMUM RATINGS (TA = 25
°C)
Notes 1. Be sure to use the product within the Power dissipation.
2. For TA
≥ 25°C, the total loss is derated at TJ MAX = 125°C and –6 mW/°C.
(See the PT-TA characteristic curve.)
3. For TA
≥ 25°C, the total loss is derated at TJ MAX = 125°C and –4.4 mW/°C.
(See the PT-TA characteristic curve.)
4. This is an external voltage that can be applied to the output pin without deteriorating the quality of the
product or causing damage to the product.
Be sure to use the product within the rated value under any conditions where coils are inserted or power
is turned on or off. The output voltage that can be obtained during normal operation is within the output
saturation voltage range.
RECOMMENDED OPERATING CONDITIONS (TA = 25
°C)
Parameter
Symbol
Conditions
MIN.
MAX.
Unit
Supply voltage
VCC
4.5
16
V
Oscillation frequency
f
VCC = 5 to 15 V
0.1
100 k
Hz
Output pulse width
tW (OUT)
VCC = 5 to 15 V
10
µ
10
Sec
Input voltage (trigger, threshold)
VIN
0VCC
V
Input voltageNote 5 (control)
VIN
3.0
VCC • 1.5
V
Reset voltage (high level)
Vreset H
VCC = 5 to 15 V
1.0
VCC
V
Reset voltage (low level)
Vreset L
VCC = 5 to 15 V
0
0.4
V
Note 5.
This parameter defines the voltage that can be applied when a PWM mode application circuit is
configured by applying an external voltage to the control pin. Usually, a capacitance of 0.01
µF is
connected as shown in the application circuit.
Rated value
Parameter
Symbol
µPC1555C
µPC1555G
Unit
Supply voltage
VCC
–0.3 to +18
–0.3 to +18
V
Input voltage
VIN
–0.3 to VCC + 0.3
–0.3 to VCC + 0.3
V
(trigger, threshold, reset, control)
Applicable output voltageNote 4
VO
–0.3 to VCC + 0.3
–0.3 to VCC + 0.3
V
(output and discharge)
Output current
IO
200Note 1
200Note 1
mA
Power dissipation
PT
600Note 2
440Note 3
mW
Operating temperature
TA
–20 to +80
–20 to +80
°C
Storage temperature
Tstg
–55 to +125
–55 to +125
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com