Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPC2933A Datasheet(PDF) 13 Page - NEC

Part # UPC2933A
Description  THREE-TERMINAL LOW DROPOUT VOLTAGE REGULATOR
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC2933A Datasheet(HTML) 13 Page - NEC

Back Button UPC2933A Datasheet HTML 8Page - NEC UPC2933A Datasheet HTML 9Page - NEC UPC2933A Datasheet HTML 10Page - NEC UPC2933A Datasheet HTML 11Page - NEC UPC2933A Datasheet HTML 12Page - NEC UPC2933A Datasheet HTML 13Page - NEC UPC2933A Datasheet HTML 14Page - NEC UPC2933A Datasheet HTML 15Page - NEC UPC2933A Datasheet HTML 16Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
Data Sheet G15374EJ2V0DS
13
µµµµPC2933A, 2905A
NOTES ON USE
When the
µPC2933A, 2905A are used with an input voltage that is lower than the value indicated in the recommended
operating conditions, a large quiescent current flows through the device due to saturation of the transistor of the output
stage. (Refer to the IBIAS (IBIAS(S)) vs. VIN curves in TYPICAL CHARACTERISTICS).
These products have saturation protector, but a current of up to 80 mA MAX. may flow through the device. Thus the
power supply on the input side must have sufficient capacity to allow this quiescent current to pass when the device starts
up.
REFERENCE DOCUMENTS
Document Name
Document No.
QUALITY GRADES ON NEC SEMICONDUCTOR DEVICES
C11531E
SEMICONDUCTOR DEVICE MOUNTING TECHNOLOGY MANUAL
C10535E
VOLTAGE REGULATOR OF SMD
G11872E
SEMICONDUCTOR SELECTION GUIDE – PRODUCTS AND PACKAGES
X13769E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com